Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPLR1320A0X Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPLR1320A0X
Description  FIBER OPTIC Receiver Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR1320A0X Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPLR1320A0X Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR1320A0X Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR1320A0X Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR1320A0X Datasheet HTML 4Page - COSMO  Electronics Corporation KPLR1320A0X Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRODUCT SPECIFICATION
DATE:05/18/2004
NO.60F01001 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR1320A
SHEET 3 OF 5
1
4. Measuring method
Fig. (1).Measuring Supply Current
Input test Conditions
Measuring method
Supply Voltage
Vcc=5.0V
Fiber coupling light output
Pc=-14.5dBm
Standard transmitter input signal
13.2Mbps NRZ
DC Average current
Fig. (2).Measuring method of Output Voltage and Pulse response
tw= tPHL- tPLH


Similar Part No. - KPLR1320A0X

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR1320A COSMO-KPLR1320A Datasheet
462Kb / 3P
   Photo Link Connector
KPLR1320AD COSMO-KPLR1320AD Datasheet
460Kb / 3P
   Photo Link Connector
KPLR1320AD COSMO-KPLR1320AD Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
More results

Similar Description - KPLR1320A0X

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M4X COSMO-KPLR1320M4X Datasheet
164Kb / 4P
   FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com