Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACS-007801-0M1RM0 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MACS-007801-0M1RM0
Description  Mono Doppler Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACS-007801-0M1RM0 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MACS-007801-0M1RM0 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACS-007801-0M1RM0 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mono Doppler Transceiver
24.125 GHz
Rev. V4
MACS-007801-0M1RM0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Low Cost
Compact Size
Gold Plated Solder Pins
Rugged Die cast Construction
10Hz to 5000Hz IF Bandwidth
Lead Free (RoHS Compliant)
Description and Applications
M/A-COM’s MACS-007801-0M1RM0 is a RoHS Compliant
K-Band Mono Transceiver consisting of a Gunn Diode os-
cillator and Schottky Diode assembled into a die cast
waveguide package. These Mono Transceivers are well
suited for high volume applications where small size and
reliability are required. Typical applications include police
radar and presence sensing applications.
Absolute Maximum Ratings
1
Parameter
Maximum Ratings
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Incident RF Input Power
+20 dBm
DC Input (Gunn Diode)
+5.5VDC
Soldering Temperature
+260 °C max.
1. Exceeding these limits may cause permanent damage.
Functional Block Diagram
PIN
Function
1
DC Input
2
GND
3
IF Output
Note: Device is ESD Sensitive.
Proper ESD Precautions should be
used when handling this Device..
Parameter
Test Con-
ditions
Units
Min.
Typ.
Max.
Operating
Frequency
+25 ºC
GHz
24.100
24.125
24.150
Output Power
+25 ºC
mW
5.0
Operating
Current
+25 ºC
mA
60
85
100
Operating
Voltage
+25 ºC
VDC
5.0
Schottky Diode
Noise
+25 ºC
micro-
Volts
2.5
5.0
Transceiver
Sensitivity
+25 ºC
-dBc
-93
-103
Product Specifications
Operating temperature to full specification -30°C to +70°
Package Outline
PIN Configuration


Similar Part No. - MACS-007801-0M1RM0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACS-007801-0M1RM0 MACOM-MACS-007801-0M1RM0 Datasheet
102Kb / 2P
   24.125GHz Mono Doppler Transceiver
logo
M/A-COM Technology Solu...
MACS-007801-0M1RM0 MA-COM-MACS-007801-0M1RM0 Datasheet
94Kb / 2P
   Mono Doppler Transceiver 24.125 GHz
MACS-007801-0M1RM0 MA-COM-MACS-007801-0M1RM0_15 Datasheet
411Kb / 3P
   Mono Doppler Transceiver
More results

Similar Description - MACS-007801-0M1RM0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACS-007801-0M1R10 MA-COM-MACS-007801-0M1R10_15 Datasheet
96Kb / 2P
   Mono Doppler Transceiver
MACS-007801-0M1RM0 MA-COM-MACS-007801-0M1RM0_15 Datasheet
411Kb / 3P
   Mono Doppler Transceiver
MACS-007801-0M1R10 MA-COM-MACS-007801-0M1R10 Datasheet
96Kb / 2P
   Mono Doppler Transceiver
logo
Tyco Electronics
MACS-007801-0M1RM0 MACOM-MACS-007801-0M1RM0 Datasheet
102Kb / 2P
   24.125GHz Mono Doppler Transceiver
logo
M/A-COM Technology Solu...
MACS-007801-0M1R10 MA-COM-MACS-007801-0M1R10 Datasheet
96Kb / 2P
   Mono Doppler Transceiver 24.125 GHz
MACS-007801-0M1RM0 MA-COM-MACS-007801-0M1RM0 Datasheet
94Kb / 2P
   Mono Doppler Transceiver 24.125 GHz
MACS-007801-0M1R1V MA-COM-MACS-007801-0M1R1V Datasheet
81Kb / 2P
   Mono Voltage Controlled Doppler Transceiver 24.125 GHz
logo
RFbeam Microwave GmbH
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
440Kb / 5P
   DOPPLER TRANSCEIVER
logo
M/A-COM Technology Solu...
MACS-007802-0M1R10 MA-COM-MACS-007802-0M1R10_15 Datasheet
416Kb / 3P
   Stereo Doppler Transceiver
MACS-007802-0M1RS0 MA-COM-MACS-007802-0M1RS0 Datasheet
107Kb / 2P
   Stereo Doppler Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com