Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-011034-10720T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-011034-10720T
Description  Non-Magnetic MELF PIN Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-011034-10720T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADP-011034-10720T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-011034-10720T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-011034-10720T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-011034-10720T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
Non-Magnetic MELF PIN Diode
Rev V2
MADP-011034-10720T
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
1. Exceeding these limits may cause permanent damage
2. Values will de-rate over temperature.
3. Infinite Heat Sink, de-rate to 0W @ +175 °C ,
by –40mW/°C from 25°C to +175 °C
Parameter
Absolute
Maximum
Reverse DC & AC Voltage 1,2
|-150 V|
D.C. Forward Current1,2
0.5 A
C.W. Power Dissipation 1,2,3
6.0 W
Storage Temperature1,2
-65°C to +175°C
Mounting Temperature1,2
+260°C for 30 s
Peak A.C. Forward Surge
Current ( 8.3 mS Single
Half Sine Wave )1,2
2.5 A
Operating Temperature1,2
-65°C to +150°C
Absolute Maximum Ratings1,2,3@ 25°C
Features
♦ Non-Magnetic Package for MRI Applications
♦ Rectangular MELF Ceramic Package
♦ Hermetically Sealed
♦ RoHS Compliant
Description
The MADP-011034-10720T is a surface mount PIN
diode in a non-magnetic Metal Electrode Leadless
Faced (MELF) package. The MADP-011034-10720T
is
manufactured
using
M/A-COM
Technology
Solutions time proven HIPAX technology. The result
is a low inductance ceramic package with no ribbons
or wires. The package utilizes a unique non-magnetic
plating process that provides for a hermetically sealed
component that has extremely low electromagnetic
permeability. Incorporated in the package is a glass
passivated CERMA chip that is full face bonded on
the cathode and anode which maximizes the surface
contact area to minimize the electrical and thermal
resistances. The chip and package have been
comprehensively characterized both electrically and
mechanically to ensure repeatable and predictable
performance.
Application
The MADP-011034-10720T is designed for circuit
protection and the tuning of RF coil designs in MRI
applications. When connected in an anti-parallel
configuration these PIN diodes provide excellent
protection from long RF pulses and transient voltage
spikes.
Package Style 1072
Designed for Automated Assembly
This easy to use package design makes automatic
pick and place, indexing and assembly, extremely
easy. The parallel flat surfaces are well suited for
most key jaw or vacuum pick-up techniques. All of the
solderable surfaces are tin plated and compatible with
industry standard reflow and vapor phase soldering
processes.
RoHS
The MADP-011034-10720T is fully RoHS compliant
meaning that it contains less than the maximum
allowable concentration of 0.1% by weight for lead,
PBB, PBDE, and 0.01% of cadmium and hexavalent
chromium at raw homogeneous materials level.
There is less than 100ppm of mercury and no
mercury was intentionally added to the component.


Similar Part No. - MADP-011034-10720T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011034-10720T MA-COM-MADP-011034-10720T Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
More results

Similar Description - MADP-011034-10720T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
logo
Tyco Electronics
MA4P7470-1072T MACOM-MA4P7470-1072T Datasheet
118Kb / 6P
   Non Magnetic MELF PIN Diode
logo
M/A-COM Technology Solu...
MA4P7435NM-1091T MA-COM-MA4P7435NM-1091T Datasheet
104Kb / 4P
   Non Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T_15 Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-000504-10720T MA-COM-MADP-000504-10720T Datasheet
303Kb / 6P
   Non Magnetic MELF PIN Diode
MADP-000235-10720T MA-COM-MADP-000235-10720T Datasheet
118Kb / 3P
   Non-Magnetic MELF PIN Diode
MADP-000504-10720T MA-COM-MADP-000504-10720T_15 Datasheet
303Kb / 6P
   Non Magnetic MELF PIN Diode
MADP-000235-10720T MA-COM-MADP-000235-10720T Datasheet
223Kb / 3P
   Non-Magnetic MELF PIN Diode
MA4P7470-1072T MA-COM-MA4P7470-1072T Datasheet
109Kb / 6P
   Non Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com