Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-030015 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-030015
Description  SURMOUNT??15關M PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-030015 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-030015 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-030015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-030015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-030015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURMOUNT™ 15μM PIN Diodes
RoHS Compliant
Rev. V6
MADP-017015-1314
MADP-030015-1314
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaran-
teed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
Typical Performance @ TAMB = +25°C
Ct vs. V
Rs vs. I
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
10203040
Voltage (V)
MADP-017015
MADP-030015
0.10
1.00
10.00
0.001
0.01
0.1
Current (A)
MADP-017015
MADP-030015
Ct vs. Freq.
Ls vs. Freq.
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Frequency (GHz)
MADP-17015
MADP-30015
0V
10V
40V
0V
10V
40V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Frequency (GHz)
MADP-17015
MADP-30015
Rs vs. Freq.
Ls vs. I
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Frequency (GHz)
MADP-017015
5m
10mA
20mA
MADP-030015
5m
10mA
20mA
A
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
0.02
0.04
0.06
0.08
0.1
Current (A)
MADP-017015
MADP-030015
A


Similar Part No. - MADP-030015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
739Kb / 5P
   15關m I-Region Length Devices
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
699Kb / 5P
   Polymer Scratch Protection
MADP-030015-13140G MA-COM-MADP-030015-13140G Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
More results

Similar Description - MADP-030015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015_15 Datasheet
247Kb / 4P
   SURMOUNT 15關M PIN Diodes
MADP-030015 MA-COM-MADP-030015_15 Datasheet
253Kb / 4P
   SURMOUNT 15關M PIN Diodes
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
logo
Tyco Electronics
MADP-042005-S MACOM-MADP-042005-S Datasheet
76Kb / 4P
   SURMOUNT TM 5 關m PIN Diodes
logo
M/A-COM Technology Solu...
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
MA4SPS420 MA-COM-MA4SPS420_15 Datasheet
208Kb / 7P
   SURMOUNT PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com