Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP042005 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP042005
Description  SURMOUNTTM PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP042005 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP042005 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP042005 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP042005 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP042005 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SURMOUNTTM PIN Diodes:
RoHS
Rev. V6
MADP-042XX5-13060 Series
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Specifications Subject to Change Without Notice.
Electrical Specifications @ TAMB = + 25 °C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
MADP-042305-13060
MADP-042505-13060
Capacitance
CT
1,3
- 10V, 1 MHz 1
pF
0.14
0.22
0.28
0.40
Capacitance
CT
1,3
- 10 V, 1 GHz 1,3
pF
0.15
0.28
Capacitance
CT
1,3
- 40 V, 1 MHz 1
pF
0.13
0.22
0.27
0.40
Capacitance
CT
1,3
- 40 V, 1 GHz 1,3
pF
0.14
0.27
Resistance
RS
2,3
+ 20 mA, 1 GHz 2,3
W
1.32
0.83
Forward Voltage
VF
+ 10 mA
V
0.87
1.00
0.84
1.00
Reverse Leakage
Current
IR
-80V
uA
10
10
Input Third Order
Intercept Point
IIP3
F 1= 1000 MHz
F2 = 1010 MHz
Input Power = +20 dBm
I bias = + 20 mA
dBm
72
76
C.W. Thermal
Resistance
θ
°C/W
145
115
Lifetime
TL
+10 mA / -6 mA
( 50% - 90% V )
nS
180
210
Units
Resistance
RS
2,3
+ 50 mA, 1 GHz 2,3
W
1.18
0.76
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
MADP-042405-13060
MADP-042905-13060
Capacitance
CT
1,3
- 10 V, 1 MHz 1
pF
0.61
0.75
0.06
0.18
Capacitance
CT
1,3
- 10 V, 1 GHz 1,3
pF
0.61
0.06
Capacitance
CT
1,3
- 40 V, 1 MHz 1
pF
0.57
0.75
0.06
0.18
Capacitance
CT
1,3
- 40 V, 1 GHz 1,3
pF
0.58
0.06
Resistance
RS
2,3
+ 20 mA, 1 GHz 2,3
W
0.62
3.14
Forward Voltage
VF
+ 10 mA
V
0.82
1.00
0.93
1.00
Reverse Leakage
Current
IR
-80V
uA
10
10
Input Third Order
Intercept Point
IIP3
F 1= 1000 MHz
F2 = 1010 MHz
Input Power = +20 dBm
I bias = + 20 mA
dBm
80
65
C.W. Thermal
Resistance
θ4
°C/W
100
185
Lifetime
TL
+10 mA / -6 mA
( 50% - 90% V )
nS
255
140
Units
Resistance
RS
2,3
+ 50 mA, 1 GHz 2,3
W
0.58
2.60
1.
Total capacitance, CT, is equivalent to the sum of junction capacitance ,CJ , and parasitic capacitance, Cpar.
2.
Series resistance RS is equivalent to the total diode resistance : RS = RJ ( Junction Resistance) + RC ( Ohmic Resistance)
3.
RS and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS-1134 package.
4.
Theta (θ) is measured with the die mounted in an ODS-1134 package.


Similar Part No. - MADP042005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
More results

Similar Description - MADP042005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
   SURMOUNTTM PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X_V7 MA-COM-MA4SPS42X_V7 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MADP-042XX8 MA-COM-MADP-042XX8 Datasheet
218Kb / 4P
   SURMOUNTTM 8M PIN Diodes
MADP042008 MA-COM-MADP042008 Datasheet
688Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060 Datasheet
154Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
   SURMOUNTTM PIN Diode
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
   SURMOUNTTM PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com