Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM56200A Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM56200A
Description  TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM56200A Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM56200A Datasheet HTML 1Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 2Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 3Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 4Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 5Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 6Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 7Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 8Page - ELAN Microelectronics Corp EM56200A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EM56000ASERIES
EM56000ASERIES
EM56000ASERIES
EM56000ASERIES
EM56000ASERIES
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
* This specification are subject to be changed without notice.
3
10.15.2001
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
Pr
Pr
Pr
Pr
Preliminar
eliminar
eliminar
eliminar
eliminar
y
y
y
y
y
Parameter
Parameter
Parameter
Parameter
Parameter
Sym.
Sym.
Sym.
Sym.
Sym.
Min.
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Condition
Sink current of P2
I
OS1
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
(after KEYB)
Sink current of P2
I
OS2
-
3.0
10
µAV
DD=3V, VO=0.4V
(before KEYB)
Input current of P1
I
IH
-
3.0
10
µAV
DD=3V
Output current of VO1, VO2
I
VO
4.0
5.0
6.0
mA
V
DD=3V, VO=0.7V,
two channel full scale output
Oscillation resistor
R
OSC
-
470
-
K
V
DD=2.4V~ 5.5V
Oscillation frequency
F
OSC
0.9
1.0
1.1
MHz
V
DD=2.4V~ 5.5V
Oscillation frequency
F
OSC
-10
0
10
%
V
DD=2.4V~ 5.5V
deviation
F
OSC
APPLICATION CIRCUIT
APPLICATION CIRCUIT
APPLICATION CIRCUIT
APPLICATION CIRCUIT
APPLICATION CIRCUIT
In the following application circuits:
*1 : For heavy loading application, adding an electrolytic capacitor between Vcc and Ground is recommanded.
The recommanded value for button cell application is 10µF.
*2 : The recommanded value for button cell application is 750
Ω or less.
10-key Application Circuit For EM56001A
VDD
OSC
TEST
VSS
P2.2
P2.3
P3.0
P3.1
P3.2
P3.3
VO1
VCC
VCC
VCC
9
10
12
11
3
4
5
6
7
8
13
TR1
TR2
NPN
*1
Rb
*2
EM56001A
TR3
TR4
TR5
TR6
TR7
TR8
TR9
TR10


Similar Part No. - EM56200A

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM562081 ETRON-EM562081 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-70 ETRON-EM562081BC-70 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-85 ETRON-EM562081BC-85 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
More results

Similar Description - EM56200A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
   TINY CONTROLLER-BASED SYNTHESIZER
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
   TINY CONTROLLER-BASED SYNTHESIZER
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
   TINY CONTROLLER-BASED SOUND PROCESSOR
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
   tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
   TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
   TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
New Japan Radio
NJU3102 NJRC-NJU3102 Datasheet
769Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3101 NJRC-NJU3101 Datasheet
758Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com