Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM56300A Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM56300A
Description  TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM56300A Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM56300A Datasheet HTML 1Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 2Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 3Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 4Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 5Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 6Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 7Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 8Page - ELAN Microelectronics Corp EM56300A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pr
Pr
Pr
Pr
Preliminar
eliminar
eliminar
eliminar
eliminar
y
y
y
y
y
4
* This specification are subject to be changed without notice.
E
E
E
E
EM5
M5
M5
M5
M56000ASERIES
6000ASERIES
6000ASERIES
6000ASERIES
6000ASERIES
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
10.15.2001
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
20-key Application Circuit For EM56200A~EM56600A
20-key Application Circuit For EM56101A
VDD
OSC
TEST
VSS
P2.0
P2.1
P2.2
P2.3
P3.0
P3.1
P3.2
P3.3
VO1
VCC
VCC
9
10
12
11
1
2
3
4
5
6
7
8
13
TR5
TR6
TR7
TR8
TR12
TR11
TR10
TR9
NPN
*1
Rb
*2
TR1
TR2
TR3
TR4
VCC
TR13
TR14
TR15
TR16
TR17
TR18
TR19
TR20
EM56101A
P1.0
P1.1
P1.2
P1.3
VDD
OSC
TEST
VSS
VO2
P2.0
P2.1
P2.2
P2.3
P3.0
P3.1
P3.2
P3.3
VO1
1
2
3
4
13
14
16
15
5
6
7
8
9
10
11
12
17
VCC
VCC
NPN
TR5
TR6
TR7
TR8
TR9
TR10
TR11
TR12
TR13
TR14
TR15
TR16
TR17
TR18
TR19
TR20
*1
Rb
*2
VCC
TR1
TR2
TR3
TR4
NPN
Rb
*2
VCC


Similar Part No. - EM56300A

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM562081 ETRON-EM562081 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-70 ETRON-EM562081BC-70 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-85 ETRON-EM562081BC-85 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562161 ETRON-EM562161 Datasheet
137Kb / 12P
   128K x 16 Low Power SRAM
EM562161BC-55 ETRON-EM562161BC-55 Datasheet
137Kb / 12P
   128K x 16 Low Power SRAM
More results

Similar Description - EM56300A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
   TINY CONTROLLER-BASED SYNTHESIZER
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
   TINY CONTROLLER-BASED SYNTHESIZER
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
   TINY CONTROLLER-BASED SOUND PROCESSOR
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
   tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
   TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
   TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
New Japan Radio
NJU3102 NJRC-NJU3102 Datasheet
769Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3101 NJRC-NJU3101 Datasheet
758Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com