Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73361AAQ Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM73361AAQ
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73361AAQ Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM73361AAQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM73361AAQ Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
* This specification are subject to be changed without notice.
10.8.2001
EM73361A
EM73361A
EM73361A
EM73361A
EM73361A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
ALU
ALU
ALU
ALU
ALU
The arithematic operation of 4 - bit data is performed in ALU unit . There are 2 flags can be affected by
the result of ALU operation, ZF and SF . The operation of ALU can be affected by CF only .
ALU STRUCTURE
ALU STRUCTURE
ALU STRUCTURE
ALU STRUCTURE
ALU STRUCTURE
ALU supported user arithematic operation function, including : addition, subtraction and rotaion.
ALU FUNCTION
ALU FUNCTION
ALU FUNCTION
ALU FUNCTION
ALU FUNCTION
(1) Addition:
For instruction ADDAM, ADCAM, ADDM #k, ADD #k,y .... ALU supports addition function.
The addition operation can affect CF and ZF. For addition operation, if the result is "0", ZF will be "1",
otherwise, not equal "0", ZF will be "0", When the addition operation has a carry-out. CF will be "1",
otherwise, CF will be "0".
EXAMPLE:
Operation
Carry
Zero
3+4=7
0
0
7+F=6
1
0
0+0=0
0
1
8+8=0
1
1
(2) Subtraction:
For instruction SUBM #k, SUBA #k, SBCAM, DECM... ALU supports user subtraction function . The
subtraction operation can affect CF and ZF, For subtraction operation, if the result is negative, CF will
GF is a one bit general purpose register which can be set, clear, test by instruction SGF, CGF and TGS.
PROGRAM EXAMPLE:
Check following arithematic operation for CF, ZF, SF
CF
ZF
SF
LDIA #00h;
-
1
1
LDIA #03h;
-
0
1
ADDA #05h;
-
0
1
ADDA #0Dh;
-
0
0
ADDA #0Eh;
-
0
0
a. SF is initiated to "1" for reset condition .
b. Branch instruction is decided by SF, when SF=1, branch condition will be satisified, otherwise,
branch condition will not be satisified by SF = 0 .
(4) General Flag ( GF )
ZF CF
SF GF
ALU
DATA BUS


Similar Part No. - EM73361AAQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73362 EMC-EM73362 Datasheet
219Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Similar Description - EM73361AAQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com