Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6B595KLW-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6B595KLW-T
Description  8-Bit Serial-Input DMOS Power Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6B595KLW-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6B595KLW-T Datasheet HTML 2Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 3Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 4Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 5Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 6Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 7Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 8Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 9Page - Allegro MicroSystems A6B595KLW-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
8-Bit Serial-Input DMOS Power Driver
A6B595
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Breakdown
V(BR)DSX
IO = 1 mA
50
V
Voltage
Off-State Output
IDSX
VO = 40 V, VDD = 5.5 V
0.1
5.0
μA
Current
VO = 40 V, VDD = 5.5 V, TA = 125°C
0.15
8.0
μA
Static Drain-Source
rDS(on)
IO = 100 mA, VDD = 4.5 V
4.2
5.7
Ω
On-State Resistance
IO = 100 mA, VDD = 4.5 V, TA = 125°C
6.8
9.5
Ω
IO = 350 mA, VDD = 4.5 V (see note)
5.5
8.0
Ω
Nominal Output
ION
VDS(on) = 0.5 V, TA = 85°C
90
mA
Current
Logic Input Current
IIH
VI = VDD = 5.5 V
1.0
μA
IIL
VI = 0, VDD = 5.5 V
-1.0
μA
SERIAL-DATA
VOH
IOH = -20 μA, VDD = 4.5 V
4.4
4.49
V
Output Voltage
IOH = -4 mA, VDD = 4.5 V
4.0
4.2
V
VOL
IOL = 20 μA, VDD = 4.5 V
0.005
0.1
V
IOL = 4 mA, VDD = 4.5 V
0.3
0.5
V
Prop. Delay Time
tPLH
IO = 100 mA, CL = 30 pF
150
ns
tPHL
IO = 100 mA, CL = 30 pF
90
ns
Output Rise Time
tr
IO = 100 mA, CL = 30 pF
200
ns
Output Fall Time
tf
IO = 100 mA, CL = 30 pF
200
ns
Supply Current
IDD(OFF)
VDD = 5.5 V, Outputs OFF
20
100
μA
IDD(ON)
VDD = 5.5 V, Outputs ON
150
300
μA
IDD(fclk)
fclk = 5 MHz, CL = 30 pF, Outputs OFF
0.4
5.0
mA
Typical Data is at VDD = 5 V and is for design information only.
NOTE — Pulse test, duration 100 μs, duty cycle 2%.
ELECTRICAL CHARACTERISTICS at TA = +25°C, VDD = 5 V, tir = tif 10 ns (unless otherwise
specified).


Similar Part No. - A6B595KLW-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6B595KLW ALLEGRO-A6B595KLW Datasheet
136Kb / 12P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
More results

Similar Description - A6B595KLW-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B595 ALLEGRO-6B595 Datasheet
136Kb / 12P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
A6595 ALLEGRO-A6595 Datasheet
298Kb / 10P
   8-Bit Serial Input DMOS Power Driver
6595 ALLEGRO-6595 Datasheet
167Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
6A595 ALLEGRO-6A595 Datasheet
176Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
March 22, 2000
A6A595 ALLEGRO-A6A595 Datasheet
217Kb / 11P
   8-Bit Serial Input, DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com