Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3P1000L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # M1A3P1000L
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
Download  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1A3P1000L Datasheet(HTML) 1 Page - Microsemi Corporation

  M1A3P1000L Datasheet HTML 1Page - Microsemi Corporation M1A3P1000L Datasheet HTML 2Page - Microsemi Corporation M1A3P1000L Datasheet HTML 3Page - Microsemi Corporation M1A3P1000L Datasheet HTML 4Page - Microsemi Corporation M1A3P1000L Datasheet HTML 5Page - Microsemi Corporation M1A3P1000L Datasheet HTML 6Page - Microsemi Corporation M1A3P1000L Datasheet HTML 7Page - Microsemi Corporation M1A3P1000L Datasheet HTML 8Page - Microsemi Corporation M1A3P1000L Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 242 page
background image
January 2013
I
© 2013 Microsemi Corporation
ProASIC3L Low Power Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
Low Power
• Dramatic Reduction in Dynamic and Static Power Savings
• 1.2 V to 1.5 V Core and I/O Voltage Support for Low Power
• Low Power Consumption in Flash*Freeze Mode Allows for
Instantaneous Entry to / Exit from Low-Power Flash*Freeze
Mode
• Supports Single-Voltage System Operation
• Low-Impedance Switches
High Capacity
• 250,000 to 3,000,000 System Gates
• Up to 504 kbits of True Dual-Port SRAM
• Up to 620 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS
Process
• Instant On Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
High Performance
• 350 MHz (1.5 V systems) and 250 MHz (1.2 V systems) System
Performance
• 3.3 V, 66 MHz, 66-Bit PCI (1.5 V systems) and 66 MHz, 32-Bit
PCI (1.2 V systems)
In-System Programming (ISP) and Security
• ISP Using On-Chip 128-Bit Advanced Encryption Standard
(AES) Decryption via JTAG (IEEE 1532–compliant)
• FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
• High-Performance, Low-Skew Global Network
• Architecture Supports Ultra-High Utilization
Advanced and Pro (Professional) I/Os
• 700 Mbps DDR, LVDS-Capable I/Os
• 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 8 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V / 1.2 V, 3.3 V PCI / 3.3 V PCI-X, and
LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and
M-LVDS
• Voltage-Referenced I/O Standards: GTL+ 2.5 V / 3.3 V, GTL
2.5 V / 3.3 V, HSTL Class I and II, SSTL2 Class I and II, SSTL3
Class I and II (A3PE3000L only)
• Wide Range Power Supply Voltage Support per JESD8-B,
Allowing I/Os to Operate from 2.7 V to 3.6 V
• Wide Range Power Supply Voltage Support per JESD8-12,
Allowing I/Os to Operate from 1.14 V to 1.575 V
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold-Sparing I/Os Programmable Output
Slew Rate and Drive Strength
• Programmable Input Delay (A3PE3000L only)
• Schmitt Trigger Option on Single-Ended Inputs (A3PE3000L)
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC®3L Family
(except PQ208)
Clock Conditioning Circuit (CCC) and PLL
• Six CCC Blocks, One with Integrated PLL (ProASIC3L) and All
with Integrated PLL (ProASIC3EL)
• Configurable Phase Shift, Multiply/Divide, Delay Capabilities,
and External Feedback
• Wide Input Frequency Range 1.5 MHz to 250 MHz (1.2 V
systems) and 350 MHz (1.5 V systems))
SRAMs and FIFOs
• Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9,
and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
• 24 SRAM and FIFO Configurations with Synchronous
Operation:
– 250 MHz: For 1.2 V systems
– 350 MHz: For 1.5 V systems
ARM® Processor Support in ProASIC3L FPGAs
• ARM Cortex™-M1 Soft Processor Available with or without
Debug
Table 1 • ProASIC3 Low-Power Product Family
ProASIC3L Devices
A3P250L
A3P600L
A3P1000L
A3PE3000L
ARM Cortex-M1
Devices 1
M1A3P600L
M1A3P1000L
M1A3PE3000L
System Gates
250,000
600,000
1,000,000
3,000,000
VersaTiles (D-flip-flops)
6,144
13,824
24,576
75,264
RAM Kbits (1,024 bits)
36
108
144
504
4,608-Bit Blocks
824
32
112
FlashROM Kbits
111
1
Secure (AES) ISP 2
Yes
Yes
Yes
Yes
Integrated PLL in CCCs 3
111
6
VersaNet Globals
18
18
18
18
I/O Banks
444
8
Maximum User I/Os
157
235
300
620
Package Pins
VQFP
PQFP
FBGA
VQ100
PQ208
FG144, FG256
PQ208
FG144, FG256, FG484
PQ208
FG144, FG256, FG484
PQ208 3
FG324, FG484, FG896
Notes:
1. Refer to the Cortex-M1 product brief for more information.
2. AES is not available for ARM Cortex-M1 ProASIC3L devices.
3. For the A3PE3000L, the PQ208 package has six CCCs and two PLLs.
Revision 13


Similar Part No. - M1A3P1000L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1A3P1000L MICROSEMI-M1A3P1000L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P1000L-FGG484 MICROSEMI-M1A3P1000L-FGG484 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - M1A3P1000L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com