Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACSL-6300 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL-6300
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL-6300 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACSL-6300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACSL-6300 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
T
s
-55
125
°C
Operating Temperature
T
A
-40
100
°C
Supply Voltage (1 Minute Maximum)
V
DD1 , VDD2
7
V
Reverse Input Voltage (Per Channel)
V
R
5
V
Output Voltage (Per Channel)
V
O
7
V
Average Forward Input Current[1] (Per Channel)
I
F
15
mA
Output Current (Per Channel)
I
O
50
mA
Input Power Dissipation[2] (Per Channel)
P
I
27
mW
Output Power Dissipation[2] (Per Channel)
P
O
65
mW
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Operating Temperature
T
A
-40
100
°C
Input Current, Low Level[3]
I
FL
0
250
µA
Input Current, High Level[4]
I
FH
7
15
mA
Supply Voltage
V
DD1, VDD2
3.0
5.5
V
Fan Out (at R
L = 1kΩ)
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4k
Ω
Notes:
1. Peaking circuits may produce transient input currents up to 50 mA, 50 ns max. pulse width, provided average current does not exceed its max.
values.
2. Derate total package power dissipation, PT linearly above +95°C free-air temperature at a rate of 1.57mW/°C for the SO8 package mounted on
low conductivity board per JESD 51-3. Derate total package power dissipation, PT linearly above +80°C free-air temperature at a rate of 1.59
mW/°C for the SO16 package mounted on low conductivity board per JESD 51-3. PT= number of channels multiplied by (PI+PO).
3. The off condition can be guaranteed by ensuring that V
FL ≤ 0.8V.
4. The initial switching threshold is 7 mA or less. It is recommended that minimum 8 mA be used for best performance and to permit guardband
for LED degradation.
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
TA - Ambient Temperature -
°C
so-16 package
so-8 package


Similar Part No. - ACSL-6300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACSL-6300 HP-ACSL-6300 Datasheet
136Kb / 10P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6300 AVAGO-ACSL-6300 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300 AVAGO-ACSL-6300 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300 AVAGO-ACSL-6300 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300 AVAGO-ACSL-6300 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
More results

Similar Description - ACSL-6300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300-56TE AVAGO-ACSL-6300-56TE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6400-00TE AVAGO-ACSL-6400-00TE Datasheet
515Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
Agilent(Hewlett-Packard...
ACSL-6XX0 HP-ACSL-6XX0 Datasheet
136Kb / 10P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6XX0 AVAGO-ACSL-6XX0 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210-50RE AVAGO-ACSL-6210-50RE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Fairchild Semiconductor
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com