Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73982 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM73982
Description  4-BIT MICROCONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73982 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM73982 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73982 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
* This specification are subject to be changed without notice.
EM73982
EM73982
EM73982
EM73982
EM73982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
11.30.2001
(2) For instruction LDAM, STAM, STAMI .., HL register used as a pointer for the address of RAM memory.
PROGRAM EXAMPLE: Store immediate data #Ah into RAM of address 35h.
LDL #5h;
LDH #3h;
STDMI #0Ah; RAM[35]
← Ah, LR←6
(3) For instruction : SELP, CLPL, TFPL, L regieter be a pointer to indicate the bit of I/O port.
When LR = 0 indicate P4.0
PROGRAM EXAMPLE: To set bit 0 of Port4 to "1"
LDL #00h;
SEPL ; P4.0
← 1
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
STACK POINTER (SP)
Stack pointer is a 4-bit register which stores the present stack level number.
Before using stack, user must set the SP value first, CPU will not initiate the SP value after reset condition.
When a new subroutine is accepted, the SP will be decreased one automatically, in another word, if
returning from a subroutine, the SP will be increased one.
The data transfer between ACC and SP is by instruction of "LDASP" and "STASP" at RAM bank0.
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
DATA POINTER (DP)
Data pointer is a 12-bit register which stores the address of ROM can indicate the ROM code data
specified by user (refer to data ROM).


Similar Part No. - EM73982

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73983 EMC-EM73983 Datasheet
216Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Similar Description - EM73982

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com