Electronic Components Datasheet Search
Selected language     English  ▼


A-1001UB-A Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. A-1001UB-A
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

 
 3 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
A-1001UB-A B/W
REV:A / 0
FEATURES
Û
25.20mm (1.00 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
HIGHLIGHT<400V THE LED CAN WITHSTAND THE MAX STATIC LEVEL
WHEN ASSEMBLING OR OPERATION
Û
BLACK FACE, WHITE SEGMENTS
Raw Material : GaInN/GaN
ABSOLUTE MAXIMUM RATING : ( Ta = 25℃ )
SYMBOL
PARAMETER
ULTRA BLUE
UNIT
PD
Power Dissipation Per Segment
80
mW
VR
Reverse Voltage Per Segment(DP)
10(5)
V
IAF
Continuous Forward Current Per Segment
10
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
60
mA
Derating
Linear From 25℃ Per Segment
0.4
mA/℃
Topr
Operating Temperature Range
-35℃ to 85℃
Tstg
Storage Temperature Range
-35℃ to 85℃
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25℃ )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX. UNIT
VF
Forward Voltage , Per Segment(DP)
IF = 20mA
7.0(3.5) 8.0(4.0)
V
IR
Reverse Current , Per Segment(DP)
VR = 10 (5)V
100
μA
λP
Peak Emission Wavelength
IF = 20mA
462
nm
λD
Dominant Wavelength
IF = 20mA
470
nm
Δλ
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment(DP)
IF = 10mA
20.8
52.0
mcd
BIN CODE ( IF = 10mA )
BIN CODE
J
K
L
M
N
O
IV(mcd)
20.8-31.22
31.23-41.65
41.66-52.12
52.13-78.15 78.16-104.20
104.21-130
TOLERANCE IS:
±15%
DRAWING NO. : DS-11-11-0087G
DATE : 2011-02-24
Page : 3
Release
by
PARALIGHTDCC




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl