Selected language     English  â–¼


A-1001UB-A Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. A-1001UB-A
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

 
 10 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
A-1001UB-A B/W
REV:A / 0
4) User shall not reverse engineer by disassembling or analysis of the Display without having prior
written consent from PARA. When defective Display are found, the User shall inform PARA
directly before disassembling or analysis.
5) The formal specifications must be exchanged and signed by both parties before large volume
purchase begins.
6) The appearance and specifications of the product may be modified for improvement without
notice.
— STATIC ELECTRICITY
1) Static electricity or surge voltage damages the Display.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the
Display.
2) All devices, equipment and machinery must be properly grounded. It is recommended that
measures be taken against surge voltage to the equipment that mounts the Display.
3) When inspecting the final products in which Display were assembled, it is recommended to check
whether the assembled Display are damaged by static electricity or not. It is easy to find
static-damaged Display by a light-on test or a VF test at a lower current (below 1mA is
recommended).
4) Damaged Display will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the Display do not light at the low current .
Criteria : ( VF>2.0V at IF=0.5mA )
5) The appearance and specifications of the product may be modified for improvement without
notice.
DRAWING NO. : DS-11-11-0087G
DATE : 2011-02-24
Page : 10
Release
by
PARALIGHTDCC




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl