Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-1201Y Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-1201Y
Description  1.2 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1201Y Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-1201Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1.2
INCH
SINGLE
DIGIT
DISPLAY
A-1201Y
REV:A / 0
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from
PARA and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board and
density of Display placement on the board, as well as other components. It is necessary to avoid
intense heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and
household appliances). Consult PARA
’s sales staff in advance for information on the applications
in which exceptional quality and reliability are required , particularly when the failure or
malfunction of the Display may directly jeopardize life or health (such as for airplanes,
aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control
equipment, life support systems and safety devices).
DRAWING NO. : DS-11-09-0056
DATE : 2009-04-02
Page : 10
Release
by
PARALIGHTDCC


Similar Part No. - A-1201Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-1201Y ETC-A-1201Y Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-1201Y

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1201UB PARALIGHT-A-1201UB Datasheet
195Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
A1201SR PARALIGHT-A1201SR Datasheet
208Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201E PARALIGHT-C-1201E Datasheet
210Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201Y PARALIGHT-C-1201Y Datasheet
207Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201SR PARALIGHT-C-1201SR Datasheet
206Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
A-1201G PARALIGHT-A-1201G Datasheet
286Kb / 12P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201G PARALIGHT-C-1201G Datasheet
209Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
logo
Inolux Corporation
HNTS120 INOLUX-HNTS120 Datasheet
1Mb / 17P
   1.2 Single Digit Numeric Display
logo
Kingbright Corporation
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
205Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com