Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-1501G Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-1501G
Description  1.5 INCH SINGLE DIGIT DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1501G Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-1501G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1501G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1.5
INCH
SINGLE
DIGIT
DISPLAY
A-1501G
REV:A / 1
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-11-0165G-1
DATE : 2013-04-11
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - A-1501G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-1501G ETC-A-1501G Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-1501G

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1505G PARALIGHT-A-1505G Datasheet
195Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104M9 CHINASEMI-CSS-15104M9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104T9 CHINASEMI-CSS-15104T9 Datasheet
188Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104V9 CHINASEMI-CSS-15104V9 Datasheet
183Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1505Y PARALIGHT-A-1505Y Datasheet
205Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
C-1505Y PARALIGHT-C-1505Y Datasheet
193Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505E PARALIGHT-A-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104B7 CHINASEMI-CSS-15104B7 Datasheet
181Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104G CHINASEMI-CSS-15104G Datasheet
184Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-1505E PARALIGHT-C-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505SR PARALIGHT-A-1505SR Datasheet
194Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com