Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73A89B Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM73A89B
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73A89B Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM73A89B Datasheet HTML 1Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 2Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 3Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 4Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 5Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 6Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 7Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 8Page - ELAN Microelectronics Corp EM73A89B Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
* This specification are subject to be changed without notice.
EM73A89B
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
8.16.2001
Preliminary
User's program and fixed data are stored in the program ROM. User's program is executed using the PC value
to fetch an instruction code.
The 16Kx8 bits program ROM can be divided into 4 banks. There are 4Kx8 bits per bank.
The program ROM bank is selected by P3(1..0). The program counter is a 13-bit binary counter. The PC and
P3 are initialized to "0" during reset.
When P3(1..0)=00B or 11B, the bank0 and bank1 of program ROM will be selected. P3(1..0)=01B, the bank0
and bank2 will be selected. P3(1..0)=10B, the bank0 and bank3 will be selected.
P3=xx00B
Address
P3=xx11B
P3=xx01B
P3=xx10B
0000h
:
:
Bank0
Bank0
Bank0
0FFFh
1000h
:
:
Bank1
Bank2
Bank3
1FFFh
PROGRAM EXAMPLE:
BANK 0
START:
:
:
:
LDIA #00H
; set program ROM to bank1
OUTA P3
B
XA1
:
XA :
:
:
LDIA #01H
; set program ROM to bank2
OUTA P3
B
XB1
:
XB :
:
:
LDIA #02H
; set program ROM to bank3
OUTA P3
B
XC1
:
XC :
:
:
BXD
XD :
:
:
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 1
XA1 :
:
:
BXA
:
XA2 :
:


Similar Part No. - EM73A89B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A88A EMC-EM73A88A Datasheet
394Kb / 43P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Similar Description - EM73A89B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
   4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com