Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV99-13-F
Description  DUAL SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV99-13-F Datasheet HTML 1Page - Diodes Incorporated BAV99-13-F Datasheet HTML 2Page - Diodes Incorporated BAV99-13-F Datasheet HTML 3Page - Diodes Incorporated BAV99-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99
Document number: DS12007 Rev. 25 - 2
1 of 4
www.diodes.com
January 2014
© Diodes Incorporated
BAV99
DUAL SURFACE MOUNT SWITCHING DIODE
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automated Insertion
For General Purpose Switching Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
BAV99-7-F
Standard
SOT23
3,000/Tape & Reel
BAV99-13-F
Standard
SOT23
10,000/Tape & Reel
BAV99Q-7-F
Automotive
SOT23
3,000/Tape & Reel
BAV99Q-13-F
Automotive
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code 9W (week 39, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 9W are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
1998
1999
…..
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
J
K
…..
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
Kxx
Kxx
xx = JE, Product Type Marking Code
YM = Date Code Marking for Chengdu
Assembly / Test site
= Year (ex: A = 2013)
M = Month (ex: 9 = September)
xx = JE, Product Type Marking Code
YM = Date Code Marking for Shanghai
Assembly / Test site
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
e3


Similar Part No. - BAV99-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99-13-F DIODES-BAV99-13-F Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
BAV99-13-F DIODES-BAV99-13-F Datasheet
180Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99-13-F DIODES-BAV99-13-F Datasheet
339Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAV99-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com