Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDR15 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Operating freque ncy
ww w.d i gi .c om
3
Operating frequency
The NS7520 is available in grades operating at three maximum operating frequencies: 36 MHz,
46 MHz, and 55 MHz. The operating frequency is set during bootstrap initialization, using pins
A[8:0]. These address pins load the PLL Settings register on powerup reset. A[8:7] determines IS
(charge pump current); A[6:5] determines FS (output divider), and A[4:0] defines ND (PLL
multiplier). Each bit in A[8:0] can be set individually. See the discussion of the PLL Settings register
in the NS7520 Hardware Reference for more information.
Serial ports
Bus interface
Two fully independent serial ports (UART, SPI)
Digital phase lock loop (DPLL) for receive clock
extractions
32-byte transmit/receive FIFOs
Internal programmable bit-rate generators
Bit rates 75–230400 in 16X mode
Bit rates 1200 bps–4 Mbps in 1X mode
Flexible baud rate generator, external clock for
synchronous operation
Receive-side character and buffer gap timers
Four receive-side data match detectors
Five independent programmable chip selects
with 256 Mb addressing per chip select
Chip select support for SRAM, FP/EDO DRAM,
SDRAM, Flash, and EEPROM without external
glue
8-, 16-, and 32-bit peripheral support
External address decoding and cycle termination
Dynamic bus sizing
Internal DRAM/SDRAM controller with address
multiplexer and programmable refresh frequency
Internal refresh controller (CAS before RAS)
Burst-mode support
0–63 wait states per chip select
Address pins that configurem chip operating
modes (see "NS7520 bootstrap initialization" on
page 22)
Power and Operating Voltages
500 mW maximum at 55 MHz (all outputs
switching)
418 mW maximum at 46 MHz (all outputs
switching)
291 mW maximum at 36 MHz (all outputs
switching)
3.3 V — I/O
1.5 V — Core


Similar Part No. - ADDR15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADDR1333C4G9 ETC1-ADDR1333C4G9 Datasheet
741Kb / 16P
   DDR3-1333(CL9) 240-Pin R-DIMM 4GB (512M x 72-bits)
logo
A-Data Technology
ADDR1600W4G11 A-DATA-ADDR1600W4G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDR1600W8G11 A-DATA-ADDR1600W8G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDR1600Y16G11 A-DATA-ADDR1600Y16G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
More results

Similar Description - ADDR15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900752 PHOENIX-2900752 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900560 PHOENIX-2900560 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900691 PHOENIX-2900691 Datasheet
164Kb / 6P
   The figure shows the 9 A version
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900542 PHOENIX-2900542 Datasheet
158Kb / 6P
   The figure shows the 9 A version
2900552 PHOENIX-2900552 Datasheet
168Kb / 6P
   The figure shows the 9 A version
2900559 PHOENIX-2900559 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900573 PHOENIX-2900573 Datasheet
164Kb / 6P
   The figure shows the 9 A version
2900688 PHOENIX-2900688 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900142 PHOENIX-2900142 Datasheet
81Kb / 3P
   The figure shows the 14-pos. version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com