Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XM47203RC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XM47203RC
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XM47203RC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NCP15XM47203RC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XM47203RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
o Part Numbering
qProduct ID
wSeries
yResistance Tolerance
uIndividual Specifications
NTC Thermistors for Temp. Sensor and Compensation Chip Type
NC
NTC Thermistors Chip Type
D
E
F
J
P
±0.5%
±3%
±1%
±5%
Product ID
Code
Code
Series
Resistance Tolerance
(Part Number)
tResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two
figures.
Structures and others are expressed by two figures.
102
103
104
Ex.
1k
10k
100k
Code
Resistance
iPackaging
RA
RB
RC
RL
Plastic Taping 4mm Pitch
Paper Taping 4mm Pitch
Paper Taping 2mm Pitch (10000 pcs.)
Paper Taping 2mm Pitch (15000 pcs.)
Code
Packaging
Plated Termination Series
eDimensions (LgW)
03
15
18
21
Code
Dimensions (LgW)
0.60g0.30mm
1.00g0.50mm
1.60g0.80mm
2.00g1.25mm
EIA
0201
0402
0603
0805
rTemperature Characteristics
WB
WD
WF
WL
WM
XC
XF
XH
XM
XQ
XV
XW
Code
Temperature Characteristics
Nominal B-Constant 4050e4099K
Nominal B-Constant 4150e4199K
Nominal B-Constant 4250e4299K
Nominal B-Constant 4450e4499K
Nominal B-Constant 4500e4549K
Nominal B-Constant 3100e3149K
Nominal B-Constant 3250e3299K
Nominal B-Constant 3350e3399K
Nominal B-Constant 3500e3549K
Nominal B-Constant 3650e3699K
Nominal B-Constant 3900e3949K
Nominal B-Constant 3950e3999K
y
J
e
18
w
P
r
XH
t
103
u
03
i
RB
NC
q
03
Individual Specifications
Code
Ex.
Standard Type
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XM47203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XM47203RC MURATA-NCP15XM47203RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XM47203RC MURATA-NCP15XM47203RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XM47203RC MURATA-NCP15XM47203RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
More results

Similar Description - NCP15XM47203RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com