Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ2955 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # MJ2955
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJ2955 Datasheet(HTML) 2 Page - Savantic, Inc.

  MJ2955 Datasheet HTML 1Page - Savantic, Inc. MJ2955 Datasheet HTML 2Page - Savantic, Inc. MJ2955 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
MJ2955
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-0.2A ;IB=0
-60
V
VCER(SUS)
Collector-emitter sustaining voltage
IC=-0.2A ;RBE=100Ohm
-70
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=-4A; IB=-0.4A
-1.1
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=-10A ;IB=-3.3A
-3.0
V
VBE
Base-emitter on voltage
IC=-4A ; VCE=-4V
-1.5
V
ICEO
Collector cut-off current
VCE=-30V; IB=0
-0.7
mA
ICEX
Collector cut-off current
VCE=-100V; VBE(off)=-1.5V
TC=150
-1.0
-5.0
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-5.0
mA
hFE-1
DC current gain
IC=-4A ; VCE=-4V
20
70
hFE-2
DC current gain
IC=-10A ; VCE=-4V
5.0
Is/b
Second breakdown collector current
With base forward biased
VCE=-40Vdc,t=1.0s,
Nonrepetitive
-2.87
A
fT
Transition frequency
IC=-0.5A ; VCE=-10V
2.5
MHz


Similar Part No. - MJ2955

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ2955 MOSPEC-MJ2955 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
Central Semiconductor C...
MJ2955 CENTRAL-MJ2955 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
MJ2955 MOTOROLA-MJ2955 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
STMicroelectronics
MJ2955 STMICROELECTRONICS-MJ2955 Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
August 1999
logo
Wing Shing Computer Com...
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - MJ2955

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com