Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1K520T Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G1K520T
Description  G-SERIES SERVO SYSTEM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G1K520T Datasheet(HTML) 5 Page - Omron Electronics LLC

  G1K520T Datasheet HTML 1Page - Omron Electronics LLC G1K520T Datasheet HTML 2Page - Omron Electronics LLC G1K520T Datasheet HTML 3Page - Omron Electronics LLC G1K520T Datasheet HTML 4Page - Omron Electronics LLC G1K520T Datasheet HTML 5Page - Omron Electronics LLC G1K520T Datasheet HTML 6Page - Omron Electronics LLC G1K520T Datasheet HTML 7Page - Omron Electronics LLC G1K520T Datasheet HTML 8Page - Omron Electronics LLC G1K520T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
G-Series servo system
7
Servo drive
G-Series servo drive
Servo drive type designation
Servo drive specifications
Servo drive type
R88D-GN
@
01H-ML2
02H-ML2
04H-ML2
08H-ML2
10H-ML2
15H-ML2
Applicable
servomotor
R88M-G
@
05030
@/10030@
20030
@
40030
@
75030
@
G1K020T
@
90010T
@/1K030T@/
1K5
@0T@
R88M-GP
@
10030
@
20030
@
40030
@
-
-
-
Max. applicable motor capacity
W
100
200
400
750
1000
1500
Continuous output current
Arms
1.16
1.6
2.7
4.0
5.9
9.8
Max. output current
Arms
3.5
5.3
7.1
14.1
21.2
28.3
Input power
Main circuit
For single-phase, 200 to 240 VAC +10 to -15%
(50/60 Hz)
For single-phase/ three-phase, 200 to 240 VAC +10 to -15%
(50/60 Hz)
Supply
Control circuit
For single-phase, 200 to 240 VAC +10 to -15% (50/60 Hz)
Control method
IGBT-driven PWM method
Feedback
Serial encoder (incremental/absolute)
Usage/storage temperature
0 to +55 °C / -20 to 65 °C
Usage/storage humidity
90% RH or less (non-condensing)
Altitude
1000m or less above sea level
Vibration/shock resistance
5.88 m/s2 / 19.6 m/s2
Configuration
Base mounted
Approx. weight
Kg
0.8
1.1
1.5
1.7
Speed control range
1:5000
Speed
variance
Load variance
During 0 to 100% load ±0.01 max. (at rated speed)
Voltage variance
0% at ±10% of rated voltage (at rated speed)
Temperature variance
0 to 50ºC ±0.1% max. (at rated speed)
Frequency characteristics
1 kHz
Torque control accuracy (reproducibility)
±3% (at 20% to 100% of rated torque)
Soft start time setting
0 to 10 s (acceleration time and deceleration time can be set)
MECHATROLINK
Communication
MECHATROLINK-II commands
(for sequence, motion, data setting/reference, monitor, adjustament and other commands)
Sequence input signal
Emergency stop, 3 external latch signals, forward/reverse torque limit, forward/reverse run prohibit, origin prox-
imity, 3 general-purpose inputs
Sequence output signal
It is possible to output three types of signals: positioning completed, speed coincidence, rotation speed detection,
servo ready, current limit, speed limit, brake release and warning signal
100 W
200 W
400 W
750 W
01
02
04
08
1.5 kW
15
1.0 kW
10
G-Series servo drive
Capacity
Model
ML2: MECHATROLINK-II communications
Source voltage
H: 230 V
R88D-GN04H-ML2
N: Network type


Similar Part No. - G1K520T

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G1K GE-G1K Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Yangzhou yangjie electr...
G1K YANGJIE-G1K Datasheet
170Kb / 2P
   General Purpose Rectifier
logo
First Silicon Co., Ltd
G1K FS-G1K Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
RFE international
G1K RFE-G1K Datasheet
1Mb / 3P
   Surface Mount General Purpose Rectifier G1A Through G1M
07-13-2020
logo
Nova Electric. All Righ...
G1K60-240 NOVA-G1K60-240 Datasheet
499Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results

Similar Description - G1K520T

ManufacturerPart #DatasheetDescription
logo
Rohm
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
   System control servo
logo
List of Unclassifed Man...
SG90 ETC-SG90 Datasheet
124Kb / 2P
   9 g Micro Servo
logo
Omron Electronics LLC
R88A-CPG001S OMRON-R88A-CPG001S Datasheet
13Mb / 52P
   Accurax G5 Servo System
logo
Rohm
BA6302A ROHM-BA6302A Datasheet
58Kb / 4P
   FG system speed servo controller
logo
MotionKing Motor Indust...
MEZ MOTIONKING-MEZ Datasheet
730Kb / 8P
   2-Phase Stepper Servo System
logo
Rohm
BA6301 ROHM-BA6301 Datasheet
96Kb / 4P
   FG system speed servo controller
logo
Advantech Co., Ltd.
GMB-I55E ADVANTECH-GMB-I55E Datasheet
927Kb / 2P
   AMD짰 G-series Multi-display System
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
Mitsubishi Electric Sem...
M62481FP MITSUBISHI-M62481FP Datasheet
830Kb / 89P
   PICKUP SERVO SYSTEM WITH AUTOMATIC ADJUSTMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com