Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPG323F-1000 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PPG323F-1000
Description  23-BIT CRYSTAL-STABILIZED PULSE GENERATOR (SERIES PPG323F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PPG323F-1000 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PPG323F-1000 Datasheet HTML 1Page - Data Delay Devices, Inc. PPG323F-1000 Datasheet HTML 2Page - Data Delay Devices, Inc. PPG323F-1000 Datasheet HTML 3Page - Data Delay Devices, Inc. PPG323F-1000 Datasheet HTML 4Page - Data Delay Devices, Inc. PPG323F-1000 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PPG323F
Doc #14016
DATA DELAY DEVICES, INC.
1
6/9/2014
3 Mt. Prospect Ave. Clifton, NJ 07013
23-BIT CRYSTAL-STABILIZED
PULSE GENERATOR
(SERIES PPG323F)
FEATURES
PINOUT
Digitally programmable in 8,388,608 steps
Monotonic pulse-width-vs-address variation
Rising edge triggered
Precise and stable pulse width
Low jitter over entire programmable range
Input & outputs fully TTL interfaced & buffered
10 T
2L fan-out capability
FUNCTIONAL DESCRIPTION
The PPG323F-series device is a 23-bit digitally programmable pulse
generator. The width, PWA, depends on the address code (A22-A0)
according to the following formula:
PWA = PW0 + TINC * A
where A is the address code, TINC is the incremental pulse width of the
device, and PW0 is the inherent pulse width of the device. The incremental
width is specified by the dash number of the device and can range from 20ns through 5us, inclusively. RES
is held LOW during normal operation. When it is brought HIGH, OUT is forced into a LOW state, and the
unit is ready for the next trigger input. The address is not latched and must remain asserted while the output
pulse is active. The PPG323F is crystal-stabilized, providing low jitter (350ps RMS) over the entire address
range.
SERIES SPECIFICATIONS
Pulse width tolerance: 0.05% or 100ps,
whichever is greater
Inherent width (PW0): 100ns typical
Inherent delay (TTO): 10ns typical
Operating temperature: -40
 to 85 C
Supply voltage VCC: 5VDC  5%
Supply current:
ICC = 200ma typical
2014 Data Delay Devices
PIN DESCRIPTIONS
TRIG
Trigger Input
OUT
Pulse Output
A0-A22
Address Bits
VCC
+5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental
Width
Per Step (ns)
Total Width
Change (sec)
PPG323F-20
20
0.16777
PPG323F-50
50
0.41943
PPG323F-100
100
0.83886
PPG323F-200
200
1.6777
PPG323F-500
500
4.1943
PPG323F-1000
1000
8.3886
PPG323F-2000
2000
16.777
PPG323F-5000
5000
41.943
NOTE: Any dash number between 20 and 5000
not shown is also available.
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
OUT
IN
GND
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
RES
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - PPG323F-1000

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-.5 DATADELAY-PPG312F-.5 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-1 DATADELAY-PPG312F-1 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-10 DATADELAY-PPG312F-10 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-100 DATADELAY-PPG312F-100 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
More results

Similar Description - PPG323F-1000

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
PPG33F DATADELAY-PPG33F Datasheet
283Kb / 5P
   3-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG33F)
PPG36F DATADELAY-PPG36F Datasheet
50Kb / 5P
   6-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG36F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
4026 FESTO-4026 Datasheet
59Kb / 1P
   Pulse generator
logo
Linear Technology
LTC6993-4 LINER-LTC6993-4_15 Datasheet
430Kb / 26P
   Monostable Pulse Generator
logo
Directed Energy, Inc.
PVX-4110 DEI-PVX-4110 Datasheet
202Kb / 2P
   짹10,000V PULSE GENERATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com