Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7702Z-EN Datasheet(PDF) 5 Page - Data Delay Devices, Inc.

Part # 3D7702Z-EN
Description  MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7702Z-EN Datasheet(HTML) 5 Page - Data Delay Devices, Inc.

  3D7702Z-EN Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7702Z-EN Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7702Z-EN Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7702Z-EN Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7702Z-EN Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3D7702
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
10K
470
5pf
Device
Under
Test
Digital
Scope
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V
)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
O1
O2
OUT
TRIG
IN
REF
TRIG
Figure 3: Test Setup
DEVICE UNDER
TEST (DUT)
FREQUENCY/
TIME INTERVAL COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
EN
Figure 4: Timing Diagram
1/f
OSC
EN
O2
2.4V
1.5V
0.6V
2.4V
1.5V
0.6V
tRISE
tFALL
VIH
VIL
1.5V
1.5V
1.5V
tENB
tDIS
Doc #06024
DATA DELAY DEVICES, INC.
5
12/5/2006
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D7702Z-EN

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.3 DATADELAY-3D7701-0.3 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.4 DATADELAY-3D7701-0.4 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.5 DATADELAY-3D7701-0.5 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.75 DATADELAY-3D7701-0.75 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
More results

Similar Description - 3D7702Z-EN

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com