Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78911 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78911
Description  8-BIT MICRO-CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78911 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78911 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78911 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
EM78911
EM78911
EM78911
EM78911
8
88
8-
--
-bit micro
bit micro
bit micro
bit micro-
--
-controller
controller
controller
controller
* Bit7 IDLE: sleep mode selection bit
0/1=sleep mode/IDLE mode.
This bit will decide SLEP instruction which mode to go.
These two modes can be waken up by TCC clock or Watch Dog or PORT9 and run from “SLEP” next
instruction.
Wakeup signal
SLEEP mode
IDLE mode
GREEN mode
NORMAL mode
RA(7,6)=(0,0)
+ SLEP
RA(7,6)=(1,0)
+ SLEP
RA(7,6)=(x,0)
no SLEP
RA(7,6)=(x,1)
no SLEP
TCC time out
X
Wake-up
+ Interrupt
+ Next instruction
Interrupt
Interrupt
WDT time out
RESET
Wake-up
+ Next instruction
RESET
RESET
Port9
/RINGTIME pin
RESET
Wake-up
+ Next instruction
X
X
PORT70~73
X
Wake-up
+ Interrupt
+ Next instruction
Interrupt
Interrupt
*P70 ~ P73 's wakeup function is controlled by IOCF(1,2,3) and ENI instruction.
*P70 's wakeup signal is a rising or falling signal defined by
CONT REGISTER bit7.
*/RINGTIME pin , Port9 ,Port71,Port72 and Port73 's wakeup signal is a falling edge signal.
8.
RB(DTMF tone row and column register) (read/write)
7
6
5
4
3
2
1
0
c7
c6
c5
c4
r3
r2
r1
r0
* Bit 0 - Bit 3 are row-frequency tone.
* Bit 4 - Bit 7 are column-frequency tone.
* Initial RB is equal to high.
Bit 7 ~ 0 are all "1" , turn off DTMF power .
bit 3~0
Row freq
1110
699.2Hz
1
2
3
A
1101
771.6Hz
4
5
6
B
1011
854Hz
7
8
9
C
0111
940.1Hz
*
0
#
D
Column freq
1203Hz
1331.8Hz
1472Hz
1645.2Hz
bit 7~4
1110
1101
1011
0111
9.
RC(CALLER ID address)(read/write)
7
6
5
4
3
2
1
0
CIDA7
CIDA6
CIDA5
CIDA4
CIDA3
CIDA2
CIDA1
CIDA0
* Bit 0 ~ Bit 7 select CALLER ID RAM address up to 256.
10.
RD(CALLER ID RAM data)(read/write)
* Bit 0 ~ Bit 8 are CALLER ID RAM data transfer register.
User can see IOCA register how to select CID RAM banks.


Similar Part No. - EM78911

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78910 EMC-EM78910 Datasheet
298Kb / 30P
   8-BIT MICRO-CONTROLLER
EM78910A EMC-EM78910A Datasheet
298Kb / 30P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78911

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com