Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8194ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8194ACPZ
Description  Buffered 2:1 TMDS Switch with Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8194ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8194ACPZ Datasheet HTML 4Page - Analog Devices AD8194ACPZ Datasheet HTML 5Page - Analog Devices AD8194ACPZ Datasheet HTML 6Page - Analog Devices AD8194ACPZ Datasheet HTML 7Page - Analog Devices AD8194ACPZ Datasheet HTML 8Page - Analog Devices AD8194ACPZ Datasheet HTML 9Page - Analog Devices AD8194ACPZ Datasheet HTML 10Page - Analog Devices AD8194ACPZ Datasheet HTML 11Page - Analog Devices AD8194ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8194
Rev. 0 | Page 8 of 16
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
2.5
2.7
2.9
3.1
3.3
3.5
3.7
0
10
20
30
40
50
INPUT COMMON-MODE VOLTAGE (V)
DJ (p-p)
RJ (rms)
Figure 15. Jitter vs. Input Common-Mode Voltage
40
42
44
46
48
50
52
54
56
58
60
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 16. Single-Ended Input Resistance vs. Temperature
–40
–15
10
35
60
85
0
10
20
30
40
50
TEMPERATURE (°C)
DJ (p-p)
RJ (rms)
Figure 17. Jitter vs. Temperature
0
20
40
60
80
100
120
140
160
0
204060
80
100
–40
–20
TEMPERATURE (°C)
RISE TIME
FALL TIME
Figure 18. Rise and Fall Time vs. Temperature


Similar Part No. - AD8194ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8194ACPZ AD-AD8194ACPZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194ACPZ-R7 AD-AD8194ACPZ-R7 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
More results

Similar Description - AD8194ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com