Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2210007 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # SL2210007
Description  Erin Landis
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL2210007 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL2210007_14 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors SL2210007_14 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
SL22 10007
Mechanical Specifications (mm)
Electrical Specifications
Max Steady State Current upto 65°c: 7.00
A
J
90
Max Rec. Energy Rating:
Actual Failure Instantaneous Energy: 200
J
0.12
Resistance @ 100% Max Current:
Resistance @ 50% Max Current: 0.24
°c
172.00
Body Temperature at 100% Max Current:
Dissipation Constant: 32.4
mw/°c
Sec.
122
Thermal Time Constant:
Material Type (for Beta and Curve): H
D: 22.0
max
max
5.0
T:
Lead Diameter
1.0
nom
nom
7.5
S:
L: 38.0
nom
max
5.0
Coating Lead Run Down
(straight Leads)
B: 9.35
nom
nom
3.77
C:
µf
6,251
Maximum Capacitance @ 120 VAC:
Maximum Capacitance @ 240 VAC:
µf
1,562
±
±
±
±
±
±
±
±
ISO9001:2008 Certified
File: E209153
Resistance: 10.0 Ω ± 20 %
SL22 10007
11/11/2008
Erin Landis
Mehdi Samii
Ametherm, Inc.
3111 N. Deer Run Road
Carson City, Nevada USA 89701
www.ametherm.com
Drawn by:
Date:
Approved By:
a
Revison:


Similar Part No. - SL2210007_14

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL2210007-A AMETHERM-SL2210007-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210007-B AMETHERM-SL2210007-B Datasheet
29Kb / 1P
   Circuit Protection Thermistors
More results

Similar Description - SL2210007_14

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL121R308 AMETHERM-SL121R308_14 Datasheet
33Kb / 2P
   Erin Landis
SL1010004 AMETHERM-SL1010004_14 Datasheet
31Kb / 2P
   Erin Landis
SL1215004 AMETHERM-SL1215004_14 Datasheet
31Kb / 2P
   Erin Landis
SL1225003 AMETHERM-SL1225003_14 Datasheet
31Kb / 2P
   Erin Landis
SL1525003 AMETHERM-SL1525003_14 Datasheet
31Kb / 2P
   Erin Landis
SL2250004 AMETHERM-SL2250004_14 Datasheet
33Kb / 2P
   Erin Landis
MS3510018 AMETHERM-MS3510018_14 Datasheet
29Kb / 2P
   Erin Landis
SL325R020 AMETHERM-SL325R020_14 Datasheet
35Kb / 3P
   Erin Landis
SL055R001 AMETHERM-SL055R001_14 Datasheet
29Kb / 2P
   Erin Landis
SL085R003 AMETHERM-SL085R003_14 Datasheet
31Kb / 2P
   Erin Landis
SL125R004 AMETHERM-SL125R004_14 Datasheet
30Kb / 2P
   Erin Landis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com