Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF70XXMBZ2 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF70XXMBZ2
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF70XXMBZ2 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF70XXMBZ2 Datasheet HTML 1Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 2Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 3Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 4Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 5Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 6Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 7Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 8Page - Analog Devices EVAL-ADF70XXMBZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
High Performance
Narrow-Band Transceiver IC
Data Sheet
ADF7021
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power, narrow-band transceiver
Frequency bands using dual VCO
80 MHz to 650 MHz
862 MHz to 950 MHz
Modulation schemes
2FSK, 3FSK, 4FSK, MSK
Spectral shaping
Gaussian and raised cosine filtering
Data rates supported
0.05 kbps to 32.8 kbps
2.3 V to 3.6 V power supply
Programmable output power
−16 dBm to +13 dBm in 63 steps
Automatic PA ramp control
Receiver sensitivity
−130 dBm at 100 bps, 2FSK
−122 dBm at 1 kbps, 2FSK
−113 dBm at 25 kbps, raised cosine 2FSK
Patent pending, on-chip image rejection calibration
On-chip VCO and fractional-N PLL
On-chip, 7-bit ADC and temperature sensor
Fully automatic frequency control loop (AFC)
Digital received signal strength indication (RSSI)
Integrated Tx/Rx switch
0.1 µA leakage current in power-down mode
APPLICATIONS
Narrow-band standards
ETSI EN 300 220, FCC Part 15, FCC Part 90, FCC Part 95,
ARIB STD-T67
Low cost, wireless data transfer
Remote control/security systems
Wireless metering
Private mobile radio
Wireless medical telemetry service (WMTS)
Keyless entry
Home automation
Process and building control
Pagers
FUNCTIONAL BLOCK DIAGRAM
Tx/Rx
CONTROL
AFC
CONTROL
2FSK
3FSK
4FSK
DEMODULATOR
CLOCK
AND DATA
RECOVERY
RSSI/
7-BIT ADC
GAIN
DIV R
RFOUT
LNA
PFD
CP
OSC1
OSC2
N/N + 1
DIV P
TEMP
SENSOR
OSC
CLK
DIV
CLKOUT
TEST MUX
VCOIN
CPOUT
LDO(1:4)
MUXOUT
RSET
CREG(1:4)
RLNA
RFIN
RFINB
CE
TxRxCLK
SWD
TxRxDATA
SERIAL
PORT
SLE
SDATA
SREAD
SCLK
IF FILTER
Σ-Δ
MODULATOR
PA RAMP
L1
L2
LOG AMP
MUX
2FSK
3FSK
4FSK
MOD CONTROL
GAUSSIAN/
RAISED COSINE
FILTER
3FSK
ENCODING
AGC
CONTROL
MUX
÷1/÷2
VCO1
VCO2
÷2
Figure 1.


Similar Part No. - EVAL-ADF70XXMBZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF70XXMBZ2 AD-EVAL-ADF70XXMBZ2 Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF70xxMBZ2 AD-EVAL-ADF70xxMBZ2 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
EVAL-ADF70XXMBZ21 AD-EVAL-ADF70XXMBZ21 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
More results

Similar Description - EVAL-ADF70XXMBZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com