Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF7021DBZ3 Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADF7021DBZ3
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7021DBZ3 Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADF7021DBZ3 Datasheet HTML 6Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 7Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 8Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 9Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 10Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 11Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 12Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 13Page - Analog Devices EVAL-ADF7021DBZ3 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 10 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LNA INPUT IMPEDANCE
RFIN to RFGND
fRF = 915 MHz
24 − j60
fRF = 868 MHz
26 − j63
fRF = 450 MHz
63 − j129
fRF = 426 MHz
68 − j134
fRF = 315 MHz
96 − j160
fRF = 175 MHz
178 − j190
1
Calibration of the image rejection used an external RF source.
2
For received signal levels < −100 dBm, it is recommended to average the RSSI readback value over a number of samples to improve the RSSI accuracy at low input powers.
3
Filtered conductive receive spurious emissions measured on the EVAL-ADF7021DBx, which includes a T-stage harmonic filter (two inductors and one capacitor).
DIGITAL SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TIMING INFORMATION
Chip Enabled to Regulator Ready
10
µs
CREG = 100 nF
Chip Enabled to Tx Mode
32-bit register write time = 50 µs
TCXO Reference
1
ms
XTAL
2
ms
Chip Enabled to Rx Mode
32-bit register write time = 50 µs, IF filter coarse
calibration only
TCXO Reference
1.2
ms
XTAL
2.2
ms
Tx to Rx Turnaround Time
300 µs + (5 × tBIT)
Time to synchronized data out, includes AGC
settling and CDR synchronization; see AGC
Information and Timing section for more details;
tBIT = data bit period
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDD
V
Input Low Voltage, VINL
0.2 × VDD
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
IOH = 500 µA
Output Low Voltage, VOL
0.4
V
IOL = 500 µA
CLKOUT Rise/Fall
5
ns
CLKOUT Load
10
pF


Similar Part No. - EVAL-ADF7021DBZ3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
More results

Similar Description - EVAL-ADF7021DBZ3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com