Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF7021DBZ6 Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-ADF7021DBZ6
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7021DBZ6 Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-ADF7021DBZ6 Datasheet HTML 5Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 6Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 7Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 8Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 9Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 10Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 11Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 12Page - Analog Devices EVAL-ADF7021DBZ6 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 9 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADJACENT CHANNEL REJECTION
868 MHz
Wanted signal is 3 dB above the sensitivity point (BER = 10−3);
unmodulated interferer is at the center of the adjacent
channel; rejection measured as the difference between
interferer level and wanted signal level in dB
12.5 kHz Channel Spacing
25
dB
12.5 kHz IF_BW
25 kHz Channel Spacing
27
dB
25 kHz IF_BW
25 kHz Channel Spacing
39
dB
18 kHz IF_BW
426 MHz, External InductorVCO
Wanted signal 3 dB above reference sensitivity point
(BER = 10−2); modulated interferer (1 kHz sine, ±2 kHz deviation)
at the center of the adjacent channel; rejection measured as
the difference between interferer level and reference
sensitivity level in dB
12.5 kHz Channel Spacing
25
dB
12.5 kHz IF_BW
25 kHz Channel Spacing
30
dB
25 kHz IF_BW
25 kHz Channel Spacing
41
dB
18 kHz IF_BW, compliant with ARIB STD-T67
CO-CHANNEL REJECTION
Wanted signal (2FSK, 9.6 kbps, ±4 kHz deviation) is 10 dB
above the sensitivity point (BER = 10−3), modulated interferer
868 MHz
−3
dB
IMAGE CHANNEL REJECTION
Wanted signal (2FSK, 9.6 kbps, ±4 kHz deviation) is 10 dB
above the sensitivity point (BER = 10−3); modulated interferer
(2FSK, 9.6 kbps, ±4 kHz deviation) is placed at the image
frequency of fRF − 200 kHz; interferer level is increased until
BER = 10−3
900 MHz
23/39
dB
Uncalibrated/calibrated1, VDD = 3.0 V, TA = 25°C
450 MHz
29/50
dB
Uncalibrated/calibrated1,VDD = 3.0 V, TA = 25°C
450 MHz, External InductorVCO
38/53
dB
Uncalibrated/calibrated1, VDD = 3.0 V, TA = 25°C
BLOCKING
Wanted signal is 10 dB above the input sensitivity level;
CW interferer level is increased until BER = 10−3
±1 MHz
69
dB
±2 MHz
75
dB
±5 MHz
78
dB
±10 MHz
78.5
dB
SATURATION
(MAXIMUM INPUT LEVEL)
12
dBm
2FSK mode, BER = 10−3
RSSI
Range at Input2
−120 to
−47
dBm
Linearity
±2
dB
Input power range = −100 dBm to −47 dBm
Absolute Accuracy
±3
dB
Input power range = −100 dBm to −47 dBm
Response Time
300
µs
See the RSSI/AGC section
AFC
Pull-In Range
0.5
1.5 × IF_BW
kHz
The range is programmable, R10_DB[24:31]
Response Time
48
Bits
Accuracy
0.5
kHz
Input power range = −100 dBm to +12 dBm
Rx SPURIOUS EMISSIONS3
Internal Inductor VCO
−91/−91
dBm
<1 GHz at antenna input, unfiltered conductive/filtered
conductive
−52/−70
dBm
>1 GHz at antenna input, unfiltered conductive/filtered
conductive
External Inductor VCO
−62/−72
dBm
<1 GHz at antenna input, unfiltered conductive/filtered
conductive
−64/−85
dBm
>1 GHz at antenna input, unfiltered conductive/filtered
conductive


Similar Part No. - EVAL-ADF7021DBZ6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
More results

Similar Description - EVAL-ADF7021DBZ6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com