Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1C075UM Datasheet(PDF) 1 Page - Altech corporation

Part # 1C075UM
Description  V-EA-Series - UL508 Manual Motor Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

1C075UM Datasheet(HTML) 1 Page - Altech corporation

  1C075UM Datasheet HTML 1Page - Altech corporation 1C075UM Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-EA-Series - UL508 Manual Motor Controller -
1 pole C-Trip
One Pole
Standard Pack: 12
Weight:
0.3A - 32A
1.8kg (3.97 lb.)
40A - 63A
1.98kg (4.37 lb.)
35 mm
(1.38 in.)
74.7 mm
(2.94 in.)
17.5 mm
(0.69 in.)
93.3 mm
(3.67 in.)
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Trip
0.3A Through 10A Rated Current
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Trip
13A Through 63A Rated Current
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
UL508 Listed
E137938
short circuit Withstand ratings for v-ea manual motor controller
Voltage Rating
Short Circuit Withstand Rating
(UL/CSA - Ratings)
Group Short Circuit Withstand Rating
(UL/CSA - Ratings)
Interrupting Capacity (VDE - Ratings)
Calibration Temperature
Operating Temperature
Storage Temperature
Terminal Size Acceptability
Terminal Torque
Terminal Protection Degree
277VAC
0.3-25A: 1 pole - 42VDC
30-60A: 1 pole - 24VDC
0.3-60A (RC): 10kA with UL-listed
RK5 back-up fuse or MCCB
0.3-10A (RC): 10kA; 13-60A (RC): 5kA
no branch circuit protection required
0.3-63A (RC): 10kA
40°C (104°F)
-25°C to 55°C (-13°F to 131°F)
-40°C to 70°C (-40°F to 158°F)
Top: 18-3 AWG; Bottom: 18-2 AWG (Line/Load reversible)
20 lb.in.
IP20
Backup
UL-Listed
UL-Listed
No BCP
Trip
Protection
RK5-Fuse
MCCB
Required
Curve
Amp Range
up to 10kA
up to 10kA
up to:
all
0.3 - 10A
4xRC*
4xRC*
10kA
min 15A, max 70A
min 15A, max 70A
all
12 - 30/32A
4xRC*
4xRC*
5kA
max 125A
max 125A
all
40 - 50A
4xRC*
4xRC*
5kA
max 200A
max 200A
all
60 / 63A
4xRC*
4xRC*
5kA
max 250A
max 250A
*up to nearest rated current
Standard Dual
Connection Terminal
Ring
tongue
Box
clamp
All parts are ring tongue compatible.
Rated
Type/
Current
Cat. No.
Approvals
0.3A
1C03UM
0.5A
1C05UM
0.75A
1C075UM
0.8A
NA
1.0A
1C1UM
1.6A
1C1.6UM
2.0A
1C2UM
2.5A
1C2.5UM
3.0A
1C3UM
3.5A
1C3.5UM
4.0A
1C4UM
5.0A
1C5UM
6.0A
1C6UM
8.0A
1C8UM
10A
1C10UM
12A
NA
13A
1C13UM
15A
1C15UM
16A
1C16UM
20A
1C20UM
25A
1C25UM
30A
1C30UM
32A
1C32UM
40A
1C40UM
50A
1C50UM
60A
1C60UM
63A
1C63UM


Similar Part No. - 1C075UM

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1C0220-3 ANAREN-1C0220-3 Datasheet
526Kb / 2P
   Hybrid Couplers
1C0266-3 ANAREN-1C0266-3 Datasheet
347Kb / 2P
   Hybrid Couplers
1C0266-3 ANAREN-1C0266-3 Datasheet
353Kb / 3P
   Hybrid Couplers
1C0266-3 ANAREN-1C0266-3_14 Datasheet
353Kb / 3P
   Hybrid Couplers
1C0680-3 ANAREN-1C0680-3 Datasheet
588Kb / 3P
   Hybrid Couplers
More results

Similar Description - 1C075UM

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2DU03 ALTECH-2DU03 Datasheet
230Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
1G03UM ALTECH-1G03UM Datasheet
660Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller -
3C03UM ALTECH-3C03UM Datasheet
561Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
1E03UM ALTECH-1E03UM Datasheet
661Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
3D03UM ALTECH-3D03UM Datasheet
547Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
1D03UM ALTECH-1D03UM Datasheet
354Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2C03UM ALTECH-2C03UM Datasheet
551Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2E03UM ALTECH-2E03UM Datasheet
595Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2B1UM ALTECH-2B1UM Datasheet
631Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
2G03UM ALTECH-2G03UM Datasheet
682Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com