Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P156ELM Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P156ELM
Description  8-BIT MICRO-CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P156ELM Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P156ELM Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P156ELM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
EM78P156EL
OTP ROM
2. FEATURES
• Operating voltage range : 2.3V~5.5V
• Operating temperature range: 0
°C~70°C
• Operating frequency rang (base on 2 clocks ):
* Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.3V.
* ERC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.3V.
• Low power consumption:
* Less then 2.0 mA at 5V/4MHz
* Typically 15
µA at 3V/32KHz
* Typically 1
µA during sleep mode
• 1K
× 13 bits on chip ROM
• One security register to prevent intrusion of OTP memory codes
• One configuration register to accommodate user’s requirements
• 48
× 8 bits on chip registers (SRAM, general purpose register)
• 2 bi-directional I/O ports
• 5 level stacks for subroutine nesting
• 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt
• Two clocks per instruction cycle
• Power down (SLEEP) mode
• Three available interruptions
* TCC overflow interrupt
* Input-port status changed interrupt (wake up from sleep mode)
* External interrupt
• Programmable free running watchdog timer
• 8 programmable pull-high pins
• 7 programmable pull-down pins
• 8 programmable open-drain pins
• 2 programmable R-option pins
• Package types:
* 18 pin DIP 300mil
: EM78P156ELP
* 18 pin SOP 300mil
: EM78P156ELM
This specification is subject to change without prior notice.
07.29.2004 (V1.3)
4


Similar Part No. - EM78P156ELM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHAS EMC-EM78P156EHAS Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHKM EMC-EM78P156EHKM Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHM EMC-EM78P156EHM Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
More results

Similar Description - EM78P156ELM

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com