Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78860BQ Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78860BQ
Description  8 -BIT MICRO-CONTROLLER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78860BQ Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78860BQ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78860BQ Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
EM78P860
8 -BIT MICRO-CONTROLLER
* This specification is subject to be changed without notice.
4.17.2000
8
9.
RB
Empty register, please don't use.
10. RC(2.5k RAM address)(read/write)
765
432
1
0
CIDA7
CIDA6
CIDA5
CIDA4
CIDA3
CIDA2
CIDA1
CIDA0
• Bit 0 ~ Bit 7 select CALLER ID RAM address up to 256.
11. RD(2.5k RAM address)(read/write)
• Bit 0 ~ Bit 8 are CALLER ID RAM data transfer register.
User can see IOCA register how to select CID RAM banks.
12.
RE(LCD Driver,WDT Control)(read/write)
765
432
1
0
-
/WDTE
/WUP9H
/WUP9L
/WURING
LCD_C2
LCD_1
LCD_M
• Bit0 (LCD_M):LCD_M decides the methods, including duty, bias, and frame frequency.
• Bit1~Bit2 (LCD_C#):LCD_C# decides the LCD display enable or blanking. change the display duty must
set the “LCD_C2,LCD_C1” to “00”.
LCD_C2,LCD_C1
LCD Display Control
LCD_M
duty
bias
0
0
Change duty
0
1/16
1/4
Disable(turn off LCD)
1
1/8
1/4
0
1
Blanking
:
:
1
1
LCD display enable
:
:
• Bit3 unused. Please set to "0"
• Bit4(/WUP9L, PORT9 low nibble Wake Up Enable) : used to enable the wake-up function of low nibble in
PORT9, (1/0=enable/disable)
• Bit5 (/WUP9H, PORT9 high nibble WAKE Up Enable) : used to enable the wake-up function of high
nibble in PORT9, (1/0=enable/disable)
• Bit6 (/WDTE, Watch Dog Timer Enable)
Control bit used to enable Watchdog timer. (1/0=enable/disable)
• Bit7 unused
13. RF (Interrupt Status Register)
765
432
1
0
INT3
-
C8_2
C8_1
INT2
INT1
INT0
TCIF
• “1” means interrupt request, “0” means non-interrupt
• Bit 0 (TCIF) TCC timer overflow interrupt flag. Set when TCC timer overflows .
• Bit 1 (INT0) external INT0 pin interrupt flag .
• Bit 2 (INT1) external INT1 pin interrupt flag .
• Bit 3 (INT2) external INT2 pin interrupt flag .
• Bit 4 (C8_1) internal 8 bit counter interrupt flag .
• Bit 5 (C8_2) internal 8 bit counter interrupt flag .


Similar Part No. - EM78860BQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78860BQ EMC-EM78860BQ Datasheet
125Kb / 25P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78860BQ

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com