Electronic Components Datasheet Search |
|
EM78P156ELKM Datasheet(PDF) 7 Page - ELAN Microelectronics Corp |
|
EM78P156ELKM Datasheet(HTML) 7 Page - ELAN Microelectronics Corp |
7 / 55 page EM78P156EL OTP ROM Table 2 EM78P156ELAS Pin Description Symbol Pin No. Type Function VDD 15 - * Power supply. OSCI 17 I * XTAL type: Crystal input terminal or external clock input pin. * ERC type: RC oscillator input pin. OSCO 16 I/O * XTAL type: Output terminal for crystal oscillator or external clock input pin. * RC type: Instruction clock output. * External clock signal input. TCC 4 I * The real time clock/counter (with Schmitt trigger input pin), must be tied to VDD or VSS if not in use. /RESET 5 I * Input pin with Schmitt trigger. If this pin remains at logic low, the controller will also remain in reset condition. P50~P53 18, 19, 2, 3 I/O * P50~P53 are bi-directional I/O pins. * P50 and P51 can also be defined as the R-option pins. * P50~P52 can be pulled-down by software. P60~P67 7~14 I/O * P60~P67 are bi-directional I/O pins. * These can be pulled-high or can be open-drain by software programming. * P60~P63 can also be pulled-down by software. /INT 7 I * External interrupt pin triggered by falling edge. VSS 6 - * Ground. Table 3 EM78P156ELKM Pin Description Symbol Pin No. Type Function VDD 15,16 - * Power supply. OSCI 18 I * XTAL type: Crystal input terminal or external clock input pin. * ERC type: RC oscillator input pin. OSCO 17 I/O * XTAL type: Output terminal for crystal oscillator or external clock input pin. * RC type: Instruction clock output. * External clock signal input. TCC 3 I * The real time clock/counter (with Schmitt trigger input pin), must be tied to VDD or VSS if not in use. /RESET 4 I * Input pin with Schmitt trigger. If this pin remains at logic low, the controller will also remain in reset condition. P50~P53 19, 20, 1, 2 I/O * P50~P53 are bi-directional I/O pins. * P50 and P51 can also be defined as the R-option pins. * P50~P52 can be pulled-down by software. P60~P67 7~14 I/O * P60~P67 are bi-directional I/O pins. * These can be pulled-high or can be open-drain by software programming. * P60~P63 can also be pulled-down by software. /INT 7 I * External interrupt pin triggered by falling edge. VSS 5, 6 - * Ground. This specification is subject to change without prior notice. 07.29.2004 (V1.3) 7 |
Similar Part No. - EM78P156ELKM |
|
Similar Description - EM78P156ELKM |