Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1DU60L Datasheet(PDF) 2 Page - Altech corporation

Part # 1DU60L
Description  L-Series - UL489 Miniature Molded Case Circuit Breaker
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

1DU60L Datasheet(HTML) 2 Page - Altech corporation

  1DU60L Datasheet HTML 1Page - Altech corporation 1DU60L Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Altech:
1DU25L 1DU5L 1DU3L 1DU1L 1DU05L 1DU12L 1DU13L 1DU50L 1DU63L 1DU20L 1DU60L 1DU40L
1DU16L 1DU10L 1DU02L 1DU4L 1DU2L 1DU6L 1DU8L 1DU32L 1DU15L 1DU30L


Similar Part No. - 1DU60L

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1DU60R ALTECH-1DU60R Datasheet
131Kb / 2P
   R-Series - UL1077 Supplementary Protecto
More results

Similar Description - 1DU60L

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
logo
Schneider Electric
PGF36040U31A SCHNEIDER-PGF36040U31A Datasheet
145Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 400A
PGF36040U33A SCHNEIDER-PGF36040U33A Datasheet
161Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 400A
PGF36040U41A SCHNEIDER-PGF36040U41A Datasheet
145Kb / 1P
   Molded Case Circuit Breaker 600V 400A
PGL36025CU43A SCHNEIDER-PGL36025CU43A Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PGF36025U44A SCHNEIDER-PGF36025U44A Datasheet
161Kb / 1P
   Molded Case Circuit Breaker 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com