Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5560IRGZR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560IRGZR
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560IRGZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5560IRGZR Datasheet HTML 5Page - Texas Instruments ADS5560IRGZR Datasheet HTML 6Page - Texas Instruments ADS5560IRGZR Datasheet HTML 7Page - Texas Instruments ADS5560IRGZR Datasheet HTML 8Page - Texas Instruments ADS5560IRGZR Datasheet HTML 9Page - Texas Instruments ADS5560IRGZR Datasheet HTML 10Page - Texas Instruments ADS5560IRGZR Datasheet HTML 11Page - Texas Instruments ADS5560IRGZR Datasheet HTML 12Page - Texas Instruments ADS5560IRGZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ADS5560
ADS5562
www.ti.com
SLWS207A – MAY 2008 – REVISED MAY 2012
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1)
Typical values are at 25°C, AVDD = 3.3 V, DRVDD = 3.0 to 3.6V, Sampling frequency = 80 MSPS, sine wave input clock,
50% clock duty cycle, 1.5 VPP clock amplitude, CL = 5 pF
(2) , no internal termination, I
O = 3.5 mA, RL = 100 Ω
(3)
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = DRVDD = 3.0 to 3.6V,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
0.5
1.2
2
ns
Sampling frequency = 80 MSPS
90
fs rms
tj
Aperture jitter
Sampling frequency = 40 MSPS
135
fs rms
Time to data stable (4) after coming out of STANDBY mode
60
200
μs
Wake-up time
Time to valid data after stopping and restarting the input clock
80
μs
Clock
Latency
16
cycles
DDR LVDS MODE(5)
LVDS bit clock duty cycle
47%
50%
53%
tsu
Data setup time(6)
Data valid(7) to zero-crossing of CLKOUTP
2.0
3.0
ns
th
Data hold time(6)
Zero-crossing of CLKOUTP to data becoming invalid(7)
2.0
3.0
ns
tPDI
Clock propagation delay
Input clock rising edge cross-over to output clock rising edge cross-
9.5
11
12.5
ns
over
tr
Data rise time
Rise time measured from –100 mV to 100 mV
0.15
0.22
0.3
ns
tf
Data fall time
Fall time measured from 100 mV to –100 mV
0.15
0.22
0.3
ns
tr
Output clock rise time
Rise time measured from –100 mV to 100 mV
0.15
0.22
0.3
ns
tf
Output clock fall time
Fall time measured from 100 mV to –100 mV
0.15
0.22
0.3
ns
tOE
Output enable (OE) to data
Time to data valid after OE becomes active
700
ns
delay
PARALLEL CMOS MODE
CMOS output clock duty
50%
cycle
tsu
Data setup time
Data valid(8) to 50% of CLKOUT rising edge
6.5
8.0
ns
th
Data hold time
50% of CLKOUT rising edge to data becoming invalid (8)
2.0
3.0
ns
tPDI
Clock propagation delay
Input clock rising edge cross-over to 50% of CLKOUT rising edge
6.3
7.8
9.3
ns
tr
Data rise time
Rise time measured from 20% to 80% of DRVDD
1.0
1.5
2.0
ns
tf
Data fall time
Fall time measured from 80% to 20% of DRVDD
1.0
1.5
2.0
ns
tr
Output clock rise time
Rise time measured from 20% to 80% of DRVDD
0.7
1.0
1.2
ns
tf
Output clock fall time
Fall time measured from 80% to 20% of DRVDD
1.2
1.5
1.8
ns
tOE
Output enable (OE) to data
Time to data valid after OE becomes active
200
ns
delay
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
CL is the effective external single-ended load capacitance between each output pin and ground.
(3)
Io refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
Data stable is defined as the point at which the SNR is within 2dB of its normal value.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(6)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(7)
Data valid refers to logic high of +100 mV and logic low of -100 mV.
(8)
Data valid refers to logic high of 2.6 V and logic low of 0.66 V.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5560 ADS5562


Similar Part No. - ADS5560IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5560IRGZR TI-ADS5560IRGZR Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5560IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5560 TI-ADS5560 Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com