Electronic Components Datasheet Search |
|
EM83040ABQ Datasheet(PDF) 3 Page - ELAN Microelectronics Corp |
|
EM83040ABQ Datasheet(HTML) 3 Page - ELAN Microelectronics Corp |
3 / 16 page 3 * This specification are subject to be changed without notice. Preliminary Preliminary Preliminary Preliminary Preliminary EM83040A LCD CONTROLLER 5.31.2001 PIN DESCRIPTIONS Symbol I/O Function VDD Power GND power Ground VSS3 power EN=0 and MAIN=1, 3*regulator output, EN=1 ,VSS3=VDD VSS2 Power EN=0 and MAIN=1, 2*regulator output, EN=1, VSS2=VDD MAIN I Master or slave control signal. MAIN=1 ,master unit MAIN=0 , slave unit EN I This pin control whole chip power. This chip will work when this pin is connectted to ground. And whole chip will disable when connect to VDD voltage. EN=0 and MAIN=1 the chip will generate VSS2, VSS3, LOAD signal and internal RC clock. EN=1, standby mode M1 I Mode select M0 I Mode select RAMEN RAM read and write control signal. 1 => can not read and write. 0=> can read and write. RAMADS RAM data select signal 1=> RAM Data , 0=>Address RAMW RAM write signal, low write RAMR RAM read signal, low read RAMD3~ RAM data or address bus RAMD0 LOAD I/O LCD load signal between one COMMON signal to another . MAIN=1 , the master unit will output LOAD signal. MAIN=0 , the slave will accept the signal from master unit. VREG power regulator output, connect a capacitor to ground. CA I Coupling capacitor CB I Coupling capacitor V1~V5 I Reference voltage input ,highest V1..lowest V5 O1~O80 O LCD waveform output FUNCTION DESCRIPTIONS (1) User can use MAIN pin to chose master unit or slave unit. MAIN Unit Function 1 MASTER Generate these signals Load, VSS2, VSS3, Internal RC clock 0 SLAVE Accept these signals Load, V1, V2, V3, V4, V5 (2) User can use M1,M2 to chose four modes. As followed MASTER MAIN M1 M0 Segment Common Bias Mode1 1 0 0 Reserved for test Mode2 1 0 1 O(80:1)=C(80:1) 1/9 Mode3 1 1 0 O(32:1)=S(32:1) O(80:33)=C(48:1) 1/7 Mode4 1 1 1 O(48;1)=S(48:1) O(80:49)=C(32:1) 1/5 |
Similar Part No. - EM83040ABQ |
|
Similar Description - EM83040ABQ |