Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM83040BBQ Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM83040BBQ
Description  LCD CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040BBQ Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM83040BBQ Datasheet HTML 1Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 2Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040BBQ Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
* This specification are subject to be changed without notice.
9.14.2001
EM83040B
LCD CONTROLLER
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
GENERAL DESCRIPTION
The EM83040B is a dot matrix LCD driver, which is fabricated by low power CMOS technology. This chip
includes 80-bits shift register, 80 bits data latch and 80 bits level driver. A LCD RAM inside can be mapping
to LCD signal. It converts RAM data to parallel data and output waveform to LCD.
FEATURES
(1)
Supply power: 2.5~5.5V
(2)
LCD drive voltage: 3.6 to15V
(3)
Internal RAM: 2.5k x 4 bits
(4)
RAM can be controlled by eight signals including four bits data bus.
(5)
Duty: 1/32, 1/48, 1/64, 1/80
(6)
Build in DC/DC converter: double, triple, quad and five times.
(7)
Modularized function: connect to another 83040B to extent LCD matrix
(8)
One DC converter enabled and other 83040B can share with this.
(9)
Internal regulator output for DC/DC converter controlled by control register.
(10) Chip form (EM83040BH), 128 pin package (14mm x 20mm EM83040BAQ), 160 pin package
(EM83040BBQ)
(11) Bias: 1/5 (32 COMMON), 1/7 (48 COMMON), 1/9 (64 and 80 COMMON) fixed by internal circuit.
(12) Internal RC clock about 250 KHz.
APPLICATION
(1)
Data Bank
(2)
LCD toy
(3)
Education computer


Similar Part No. - EM83040BBQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040BQ EMC-EM83040BQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83040BBQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com