Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM83055H Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM83055H
Description  KEYBOARD ENCODER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83055H Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM83055H Datasheet HTML 3Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 4Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 5Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 6Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 7Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 8Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 9Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 10Page - ELAN Microelectronics Corp EM83055H Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
* This specification are subject to be changed without notice.
EM83055H
KEYBOARD ENCODER
9.25.2001
Keyboards ID ( Hex 83AB )
The 2 byte ID is issued to respond to READ ID command. The low byte is sent first, followed by the high byte.
Keyboard buffer Overrun ( Hex 00 or FF )
If keyboard buffer overflows, the overrun code will replace the last byte in the buffer. If the keyboard is using
scan code set 1 , the code is hex FF. For sets 2 and 3, the code is hex 00.
Resend ( Hex FE )
When the keyboard receives an invalid input or any input with incorrect parity, the RESEND command is sent.
Keyboard Scan Code Table
The keyboard contains 3 scan code sets. The system defaults to scan code set 2, but can be switched to set 1 or
set 3 . The following tables show the key numbers and three scan code sets in hexadecimal values. All the keys
are typematics except for the pause key. When a key is pressed down, the make scan code is sent to the
system. When the key is released, its break code is sent. If two or more keys are held down, only the last key
pressed repeats at the typematic rate. Typematic operation stops when the last pressed key is released, even if
other keys are being released or some other keys are still held down.
The following table shows three scan code sets used in the keyboard.
scan code set 1
Key
Make code
Break code
Key
Make code
Break code
`(~)
29
A9
X
2D
AD
102
82
C
2E
AE
203
83
V
2F
AF
304
84
B
30
B0
405
85
N
31
B1
506
86M
32
B2
6
07
87
,(<)
33
B3
7
08
88
.(>)
34
B4
8
09
89
/(?)
35
B5
9
0A
8A
SHIFT_R
36
B6
0
0B
8B
CTRL_L
1D
9D
-(-)
0C
8C
ALT_L
38
B8
=(+)
0D
8D
SPACE
39
B9
BACK SPACE
0E
8E
ALT_R
E0 38
E0 B8
TAB
0F
8F
CTRL_R
E0 1D
E0 9D
Q
10
90
NUM
45
C5
W11
91
(7)
47
C7
E
1292
(4)
4B
CB
R13
93
(1)
4F
CF
T
1494
(8)
48
C8
Y15
95
(5)
4C
CC


Similar Part No. - EM83055H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EM83053 EMC-EM83053 Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83053AH EMC-EM83053AH Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83053BH EMC-EM83053BH Datasheet
210Kb / 24P
   KEYBOARD ENCODER
More results

Similar Description - EM83055H

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
   Keyboard Encoder
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
   Keyboard Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
   Win98 Keyboard Encoder
HT82K28A HOLTEK-HT82K28A_02 Datasheet
156Kb / 16P
   Win98 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com