Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32021A3332 Datasheet(PDF) 6 Page - EPCOS

Part # B32021A3332
Description  EMI Suppression Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32021A3332 Datasheet(HTML) 6 Page - EPCOS

Back Button B32021A3332 Datasheet HTML 2Page - EPCOS B32021A3332 Datasheet HTML 3Page - EPCOS B32021A3332 Datasheet HTML 4Page - EPCOS B32021A3332 Datasheet HTML 5Page - EPCOS B32021A3332 Datasheet HTML 6Page - EPCOS B32021A3332 Datasheet HTML 7Page - EPCOS B32021A3332 Datasheet HTML 8Page - EPCOS B32021A3332 Datasheet HTML 9Page - EPCOS B32021A3332 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight
terminals,
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
240 = Crimped down from lead spacing 10 mm to
7.5 mm, Ammo pack
140 = Crimped down from lead spacing 10 mm to
7.5 mm, Reel
255 = Crimped down from lead spacing 15 mm to
7.5 mm, Ammo pack
155 = Crimped down from lead spacing 15 mm to
7.5 mm, Reel
003 = Straight terminals, untaped (lead length
3.2
±0.3 mm)
000 = Straight terminals, untaped (lead length 6 -
1 mm)
22.5
0.047
6.0
× 15.0 × 26.5 B32023A3473+*** 2720
2800
2880
0.056
6.0
× 15.0 × 26.5 B32023A3563M*** 2720
2800
2880
0.068
7.0
× 16.0 × 26.5 B32023A3683+*** 2320
2400
2520
0.068
7.5
× 14.5 × 26.5 B32023B3683M*** 2200
2000
2280
0.082
8.5
× 16.5 × 26.5 B32023A3823+*** 1920
2000
2040
0.10
8.5
× 16.5 × 26.5 B32023A3104M*** 1920
2000
2040
0.10
10.5
× 16.5 × 26.5 B32023B3104+*** 1560
1600
2160
0.15
10.5
× 18.5 × 26.5 B32023A3154M*** 1560
1600
2160
0.15
10.5
× 20.5 × 26.5 B32023B3154+***
2160
0.22
12.0
× 22.0 × 26.5 B32023A3224M***
1800
0.22
14.5
× 29.5 × 26.5 B32023B3224+***
2160
0.33
14.5
× 29.5 × 26.5 B32023A3334+***
2160
0.39
14.5
× 29.5 × 26.5 B32023A3394M***
2160
27.5
0.15
11.0
× 19.0 × 31.5 B32024A3154+***
1400
1280
0.22
11.0
× 19.0 × 31.5 B32024A3224M***
1400
1280
0.22
11.0
× 21.0 × 31.5 B32024B3224+***
1400
1280
0.33
13.5
× 23.0 × 31.5 B32024A3334M***
1000
1040
0.33
14.0
× 24.5 × 31.5 B32024B3334+***
1040
0.47
15.0
× 24.5 × 31.5 B32024A3474M***
960
0.47
16.0
× 32.0 × 31.5 B32024C3474+***
880
B32021 ... B32026
Y2 / 300 V AC
Page 6 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32021A3332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021A3332 EPCOS-B32021A3332 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
B32021A3332 EPCOS-B32021A3332 Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32021A3332K TDK-B32021A3332K Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
logo
EPCOS
B32021A3332K000 EPCOS-B32021A3332K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32021A3332K189 EPCOS-B32021A3332K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32021A3332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com