Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19W-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV19W-7
Description  SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV19W-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV19W-7 Datasheet HTML 1Page - Diodes Incorporated BAV19W-7 Datasheet HTML 2Page - Diodes Incorporated BAV19W-7 Datasheet HTML 3Page - Diodes Incorporated BAV19W-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19W - BAV21W
Document number: DS12024 Rev. 21 - 2
1 of 4
www.diodes.com
October 2013
© Diodes Incorporated
BAV19W - BAV21W
SURFACE MOUNT SWITCHING DIODE
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automated Insertion
For General Purpose Switching Applications
High Conductance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD123
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Solderable per MIL-STD-202, Method 208 Lead Free
Plating (Matte Tin Finish annealed over Alloy 42 leadframe)
Polarity: Cathode Band
Marking Information: See Page 2
Type Code: BAV19W: A8 or T2 or T3
BAV20W: T2 or T3
BAV21W: T3
Ordering Information: See Page 2
Weight: 0.01 grams (approximate)
Ordering Information (Note 6)
Part Number
Case
Packaging
BAV19W-7-F
SOD-123
3000/Tape and Reel
BAV20W-7-F
SOD123
3000/Tape and Reel
BAV20WQ-7-F
SOD123
3000/Tape and Reel
BAV21W-7-F
SOD123
3000/Tape and Reel
BAV21WQ-7-F
SOD123
3000/Tape and Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Date Code Key
Year
1998
1999
2000
...
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
2018
Code
J
K
L
V
W
X
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
TOP VIEW
SOD123
XX = Product Type Marking Code (See Page 1)
YM = Date Code Marking
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
XX


Similar Part No. - BAV19W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV19W-7-F DIODES-BAV19W-7-F Datasheet
83Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 16 - 2
BAV19W-7-F DIODES-BAV19W-7-F Datasheet
79Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 20- 2
BAV19W-7-F DIODES-BAV19W-7-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
BAV19W-7-F DIODES-BAV19W-7-F Datasheet
286Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAV19W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com