Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32933A3104 Datasheet(PDF) 3 Page - EPCOS

Part # B32933A3104
Description  Metallized Polyester Film Capacitors (MKT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32933A3104 Datasheet(HTML) 3 Page - EPCOS

  B32933A3104 Datasheet HTML 1Page - EPCOS B32933A3104 Datasheet HTML 2Page - EPCOS B32933A3104 Datasheet HTML 3Page - EPCOS B32933A3104 Datasheet HTML 4Page - EPCOS B32933A3104 Datasheet HTML 5Page - EPCOS B32933A3104 Datasheet HTML 6Page - EPCOS B32933A3104 Datasheet HTML 7Page - EPCOS B32933A3104 Datasheet HTML 8Page - EPCOS B32933A3104 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Overview of available types
Lead spacing 15 mm
22.5 mm
27.5 mm
37.5 mm
Type
B32932
B32933
B32934
B32936
CR (
µF)
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.0
1.5
2.2
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32933A3104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32933A3104 EPCOS-B32933A3104 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32933A3104 EPCOS-B32933A3104 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32933A3104 TDK-B32933A3104 Datasheet
315Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32933A3104

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com