Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C302SR-NW Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C302SR-NW
Description  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C302SR-NW Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C302SR-NW Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
C302SR-NW
B/W
REV:A / 0
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from PARA
and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board and
density of Display placement on the board, as well as other components. It is necessary to avoid
intense heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and
household appliances). Consult PARA
’s sales staff in advance for information on the applications
in which exceptional quality and reliability are required , particularly when the failure or
malfunction of the Display may directly jeopardize life or health (such as for airplanes,
aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control
equipment, life support systems and safety devices).
DRAWING NO. : DS-12-12-0084G
DATE : 2012-05-09
Page : 9
Release
by
PARALIGHTDCC


Similar Part No. - C302SR-NW

ManufacturerPart #DatasheetDescription
logo
Powerbox
C302 POWERBOX-C302 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Hubbell Incorporated.
C3020003 HUBBELL-C3020003 Datasheet
363Kb / 1P
   Anchor, Tool, Expanding Bar - 10ft
C3020004 HUBBELL-C3020004 Datasheet
363Kb / 1P
   Anchor, Tool, Expanding Bar - 12ft
logo
IMP, Inc
C3025 IMP-C3025 Datasheet
26Kb / 2P
   Process C3025 CMOS 3Um 10 Volt Analog
logo
Pulse A Technitrol Comp...
C3027 PULSE-C3027 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - C302SR-NW

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-302E PARALIGHT-A-302E Datasheet
201Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302G PARALIGHT-A-302G Datasheet
198Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302SR PARALIGHT-A-302SR Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
C-302E-A PARALIGHT-C-302E-A Datasheet
203Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com