Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32933B3474 Datasheet(PDF) 5 Page - EPCOS

Part # B32933B3474
Description  Metallized Polyester Film Capacitors (MKT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32933B3474 Datasheet(HTML) 5 Page - EPCOS

  B32933B3474 Datasheet HTML 1Page - EPCOS B32933B3474 Datasheet HTML 2Page - EPCOS B32933B3474 Datasheet HTML 3Page - EPCOS B32933B3474 Datasheet HTML 4Page - EPCOS B32933B3474 Datasheet HTML 5Page - EPCOS B32933B3474 Datasheet HTML 6Page - EPCOS B32933B3474 Datasheet HTML 7Page - EPCOS B32933B3474 Datasheet HTML 8Page - EPCOS B32933B3474 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
X2
safety
appr.
X = approval granted
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, Untaped (standard lead
length 6
1 mm)
27.5
0.47
11.0
× 19.0 × 31.5 B32934A3474+*** –
1400
1280
X
0.56
11.0
× 19.0 × 31.5 B32934A3564+*** –
1400
1280
X
0.68
11.0
× 19.0 × 31.5 B32934A3684+*** –
1400
1280
X
0.82
11.0
× 19.0 × 31.5 B32934A3824+*** –
1400
1280
X
1.0
11.0
× 19.0 × 31.5 B32934A3105M*** –
1400
1280
X
1.0
11.0
× 21.0 × 31.5 B32934B3105+*** –
1400
1280
X
1.5
13.5
× 23.0 × 31.5 B32934B3155M*** –
1200
1120
X
1.5
14.0
× 24.5 × 31.5 B32934D3155+*** –
1040
X
2.2
18.0
× 27.5 × 31.5 B32934B3225+*** –
800
X
37.5
1.0
12.0
× 22.0 × 41.5 B32936A3105+*** –
1620
X
1.5
12.0
× 22.0 × 41.5 B32936A3155+*** –
1620
X
2.2
14.0
× 25.0 × 41.5 B32936A3225+*** –
1380
X
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 5 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32933B3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32933B3474 EPCOS-B32933B3474 Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32933B3474 TDK-B32933B3474 Datasheet
315Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32933B3474K EPCOS-B32933B3474K Datasheet
286Kb / 16P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32933B3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com