Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-402SR Datasheet(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-402SR
Description  0.4 INCH DUAL DIGITS DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-402SR Datasheet(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-402SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
0.4
INCH
DUAL
DIGITS
DISPLAY
C-402SR
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-12-09-0009
DATE : 2009-04-03
Page : 8
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - C-402SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-402SR ETC-C-402SR Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-402SR-10 PARALIGHT-C-402SR-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results

Similar Description - C-402SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402UB-A PARALIGHT-A-402UB-A Datasheet
195Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402Y PARALIGHT-A-402Y Datasheet
206Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-424G CHINASEMI-CSD-424G Datasheet
173Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424T9 CHINASEMI-CSD-424T9 Datasheet
176Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424V9 CHINASEMI-CSD-424V9 Datasheet
172Kb / 5P
   0.4 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-402G PARALIGHT-C-402G Datasheet
209Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402UB-10 PARALIGHT-C-402UB-10 Datasheet
197Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
C-402Y PARALIGHT-C-402Y Datasheet
208Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com