Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-402SR Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-402SR
Description  0.4 INCH DUAL DIGITS DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-402SR Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-402SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-402SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
0.4
INCH
DUAL
DIGITS
DISPLAY
C-402SR
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-12-09-0009
DATE : 2009-04-03
Page : 2
HD-R/RD013
Release
by
PARALIGHTDCC


Similar Part No. - C-402SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-402SR ETC-C-402SR Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-402SR-10 PARALIGHT-C-402SR-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results

Similar Description - C-402SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402UB-A PARALIGHT-A-402UB-A Datasheet
195Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402Y PARALIGHT-A-402Y Datasheet
206Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-424G CHINASEMI-CSD-424G Datasheet
173Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424T9 CHINASEMI-CSD-424T9 Datasheet
176Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424V9 CHINASEMI-CSD-424V9 Datasheet
172Kb / 5P
   0.4 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-402G PARALIGHT-C-402G Datasheet
209Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402UB-10 PARALIGHT-C-402UB-10 Datasheet
197Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
C-402Y PARALIGHT-C-402Y Datasheet
208Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com