Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-1001G Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-1001G
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-1001G Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-1001G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
C-1001G G/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-09-0154
DATE : 2009-09-25
Page : 2
Release
by
PARALIGHTDCC


Similar Part No. - C-1001G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-1001G ETC1-C-1001G Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-1001G

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1001G-A PARALIGHT-A-1001G-A Datasheet
195Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001SR PARALIGHT-C-1001SR Datasheet
206Kb / 11P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001E-A PARALIGHT-C-1001E-A Datasheet
197Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001Y PARALIGHT-A-1001Y Datasheet
210Kb / 11P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001SRD-A PARALIGHT-A-1001SRD-A Datasheet
197Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001E PARALIGHT-A-1001E Datasheet
196Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001Y PARALIGHT-C-1001Y Datasheet
192Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001UB-A PARALIGHT-A-1001UB-A Datasheet
195Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1116M9 CHINASEMI-CSS-1116M9 Datasheet
198Kb / 6P
   1.00 Inch Single Digit Alphanumeric Display
logo
Ningbo Foryard Optoelec...
FYS-10012AX-00 FORYARD-FYS-10012AX-00 Datasheet
401Kb / 5P
   1.00 Inch (25.40mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com