Selected language     English  ▼


C-1001SR Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. C-1001SR
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

 6 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
C-1001SR
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: within 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 360
or lower
Soldering time: within 3 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-09-0049
DATE : 2009-04-02
Page : 6
Fig.1
Release
by
PARALIGHTDCC




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl