Selected language     English  ▼


C-1001SR Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. C-1001SR
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

 
 10 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
C-1001SR
REV:A / 0
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from
PARA and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board and
density of Display placement on the board, as well as other components. It is necessary to avoid
intense heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and
household appliances). Consult PARA
’s sales staff in advance for information on the applications
in which exceptional quality and reliability are required , particularly when the failure or
malfunction of the Display may directly jeopardize life or health (such as for airplanes,
aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control
equipment, life support systems and safety devices).
DRAWING NO. : DS-11-09-0049
DATE : 2009-04-02
Page : 10
Release
by
PARALIGHTDCC




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl