Selected language     English  ▼


C-1001Y Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. C-1001Y
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

 
 3 page
background image
HD-R/RD013
1.00
INCH
SINGLE
DIGIT
DISPLAY
C-1001Y G/W
REV:A / 0
FEATURES
Û
25.20mm (1.00 inch ) DIGIT HEIGHT
Û
COMMON CATHODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
GRAY FACE, WHITE SEGMENTS
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
YELLOW
UNIT
PD
Power Dissipation Per Segment
120
mW
VR
Reverse Voltage Per Segment(DP)
10(5)
V
IAF
Continuous Forward Current Per Segment
20
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
80
mA
Derating
Linear From 25
BC Per Segment
0.27
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment(DP)
IF = 20mA
4.2(2.1) 5.6(2.8)
V
IR
Reverse Current , Per Segment(DP)
VR = 10(5)V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
583
nm
lD
Dominant Wavelength
IF = 20mA
585
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
1.2
3.0
mcd
DRAWING NO. : DS-11-07-0136
DATE : 2007-07-31
Page : 3
Release
by
PARALIGHTDCC




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl